Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL32 Datasheet(PDF) 82 Page - Exar Corporation

Part # XRT86VL32
Description  DUAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL32 Datasheet(HTML) 82 Page - Exar Corporation

Back Button XRT86VL32 Datasheet HTML 78Page - Exar Corporation XRT86VL32 Datasheet HTML 79Page - Exar Corporation XRT86VL32 Datasheet HTML 80Page - Exar Corporation XRT86VL32 Datasheet HTML 81Page - Exar Corporation XRT86VL32 Datasheet HTML 82Page - Exar Corporation XRT86VL32 Datasheet HTML 83Page - Exar Corporation XRT86VL32 Datasheet HTML 84Page - Exar Corporation XRT86VL32 Datasheet HTML 85Page - Exar Corporation XRT86VL32 Datasheet HTML 86Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 174 page
background image
XRT86VL32
77
DUAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
REV. V1.2.0
TABLE 63: TRANSMIT CHANNEL CONTROL REGISTER 0-31 (TCCR 0-31)
HEX ADDRESS: 0Xn300 TO 0Xn31F
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
7
LAPDcntl[1]
R/W
1
Transmit LAPD Control
These bits select which one of the three Transmit LAPD controller is config-
ured to use D/E time slot (Octets 0-31) for transmitting LAPD messages.
The following table presents the different settings of these two bits.
NOTE:
All three Transmit LAPD Controllers can use D/E timeslots for
transmission. However, only Transmit LAPD Controller 1 can use
datalink for transmission. Register 0xn300 represents D/E time slot
0, and 0xn31F represents D/E time slot 31.
6
LAPDcntl[0]
0
5-4
Reserved
-
-
Reserved (For T1 mode only)
LAPDCNTL[1:0]
LAPD CONTROLLER SELECTED
00
Transmit LAPD Controller 1
01
Transmit LAPD Controller 2
10
The TxDE[1:0] bits in the Transmit Signaling and
Data Link Select Register (TSDLSR - Register
Address - 0xn10A, bit 3-2) determine the data
source for D/E time slots.
11
Transmit LAPD Controller 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com