Electronic Components Datasheet Search
  English  ▼

X  

SA702D Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SA702D
Description  Divide by: 64/65/72 triple modulus low power ECL prescaler
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA702D Datasheet(HTML) 6 Page - NXP Semiconductors

  SA702D Datasheet HTML 1Page - NXP Semiconductors SA702D Datasheet HTML 2Page - NXP Semiconductors SA702D Datasheet HTML 3Page - NXP Semiconductors SA702D Datasheet HTML 4Page - NXP Semiconductors SA702D Datasheet HTML 5Page - NXP Semiconductors SA702D Datasheet HTML 6Page - NXP Semiconductors SA702D Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Philips Semiconductors RF Communications Products
Product specification
SA702
Divide by: 64/65/72 triple modulus low power
ECL prescaler
June 17, 1993
7
Figure 3. Minimum Input Power vs Frequency and VCC
0
–5
–10
–15
–20
–25
–30
–35
–40
200
400
600
800
1000
1200
TA = 25°C
2.7V
3.0V
6.0V
FREQUENCY (MHz)
Figure 4. Supply Current vs Supply Voltage and Temperature With No Load
VCC (V)
6
5.5
5
4.5
4
3.5
3
2.7
3
6
7
85
°C
–40
°C
25
°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com