Electronic Components Datasheet Search
  English  ▼

X  

SA702D Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SA702D
Description  Divide by: 64/65/72 triple modulus low power ECL prescaler
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA702D Datasheet(HTML) 1 Page - NXP Semiconductors

  SA702D Datasheet HTML 1Page - NXP Semiconductors SA702D Datasheet HTML 2Page - NXP Semiconductors SA702D Datasheet HTML 3Page - NXP Semiconductors SA702D Datasheet HTML 4Page - NXP Semiconductors SA702D Datasheet HTML 5Page - NXP Semiconductors SA702D Datasheet HTML 6Page - NXP Semiconductors SA702D Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Philips Semiconductors RF Communications Products
Product specification
SA702
Divide by: 64/65/72 triple modulus low power
ECL prescaler
2
June 17, 1993
853-1709 10044
DESCRIPTION
The SA702 triple modulus (Divide By
64/65/72) low power ECL prescaler is used in
synthesizer systems to achieve low phase
lock time, broad operating range, high
reference frequency and small frequency
step sizes. The minimum supply voltage is
2.7V and is compatible with the CMOS
UMA1005 synthesizer from Philips and other
logic circuits. The low supply current allows
application in battery operated low-power
equipment. Maximum input signal frequency
is 1.1GHz for cellular and other land mobile
applications. There is no lower frequency
limit due to a fully static design. The circuit is
implemented in ECL technology on the
QUBiC process. The circuit will be available
in an 8-pin SO package with 150 mil package
width and in 8-pin dual in-line plastic
package.
FEATURES
• Low voltage operation
• Low current consumption
• Operation up to 1.1GHz
• ESD hardened
APPLICATIONS
• Cellular phones
• Cordless phones
• RF LANs
• Test and measurement
• Military radio
• VHF/UHF mobile radio
• VHF/UHF hand-held radio
PIN CONFIGURATION
IN
VC
C
MC2
OUT
IN
MC1
1
2
3
4
5
6
7
8
GND
OUT
N, D Package
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
8-Pin Plastic Dual In-Line Package (DIP)
-40 to +85
°C
SA702N
0404B
8-Pin Plastic Small Outline (SO) package (Surface-mount)
-40 to +85
°C
SA702D
0174C
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RATING
UNITS
VCC
Supply voltage
-0.3 to +7.0
V
VIN
Voltage applied to any other pin
-0.3 to (VCC + 0.3)
V
IO
Output current
10
mA
TSTG
Storage temperature range
-65 to +125
°C
TA
Operating ambient temperature range
-55 to +125
°C
θJA
Thermal impedance
D package
N package
158
108
°C/W


Similar Part No. - SA702D

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
SA702 POLYFET-SA702 Datasheet
37Kb / 2P
SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
logo
NXP Semiconductors
SA7025 PHILIPS-SA7025 Datasheet
304Kb / 22P
Low-voltage 1GHz fractional-N synthesizer
1996 Aug 6
SA7025DK PHILIPS-SA7025DK Datasheet
304Kb / 22P
Low-voltage 1GHz fractional-N synthesizer
1996 Aug 6
SA7026 PHILIPS-SA7026 Datasheet
299Kb / 18P
1.3GHz low voltage fractional-N dual frequency synthesizer
1999 Nov 04
SA7026DH PHILIPS-SA7026DH Datasheet
299Kb / 18P
1.3GHz low voltage fractional-N dual frequency synthesizer
1999 Nov 04
More results

Similar Description - SA702D

ManufacturerPart #DatasheetDescription
logo
NEC
UPB1502GR NEC-UPB1502GR Datasheet
165Kb / 4P
1.7 GHz/ 2.0 GHz LOW-POWER TWO-MODULUS PRESCALER DIVIDED-BY-64/65, 128/129
logo
NXP Semiconductors
SA701 PHILIPS-SA701 Datasheet
82Kb / 7P
Divide by: 128/129-64/65 dual modulus low power ECL prescaler
June 17, 1993
SAB6456 PHILIPS-SAB6456 Datasheet
77Kb / 10P
Sensitive 1 GHz divide-by-64/divide-by-256 switchable prescaler
June 1986
logo
NEC
UPB582 NEC-UPB582 Datasheet
69Kb / 4P
DIVIDE-BY-4 PRESCALER
UPB1502GR NEC-UPB1502GR Datasheet
75Kb / 4P
DIVIDE- BY- 64/65/128/129 PRESCALER
UPB581B NEC-UPB581B Datasheet
76Kb / 4P
DIVIDE- BY- 2 PRESCALER
logo
Lucky Light Electronic
PE3511 LUCKY-LIGHT-PE3511_15 Datasheet
260Kb / 9P
Divide-by-2 Prescaler
PE3513 LUCKY-LIGHT-PE3513_15 Datasheet
260Kb / 9P
Divide-by-8 Prescaler
logo
Peregrine Semiconductor...
PE9301 PEREGRINE-PE9301_15 Datasheet
230Kb / 7P
Divide-by-2 Prescaler
PE9304 PEREGRINE-PE9304_15 Datasheet
216Kb / 6P
Divide-by-2 Prescaler
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com