Electronic Components Datasheet Search
  English  ▼

X  

SA702D Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SA702D
Description  Divide by: 64/65/72 triple modulus low power ECL prescaler
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA702D Datasheet(HTML) 3 Page - NXP Semiconductors

  SA702D Datasheet HTML 1Page - NXP Semiconductors SA702D Datasheet HTML 2Page - NXP Semiconductors SA702D Datasheet HTML 3Page - NXP Semiconductors SA702D Datasheet HTML 4Page - NXP Semiconductors SA702D Datasheet HTML 5Page - NXP Semiconductors SA702D Datasheet HTML 6Page - NXP Semiconductors SA702D Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Philips Semiconductors RF Communications Products
Product specification
SA702
Divide by: 64/65/72 triple modulus low power
ECL prescaler
June 17, 1993
4
DC ELECTRICAL CHARACTERISTICS
The following DC specifications are valid for TA = 25°C and VCC = 3.0V; unless otherwise stated. Test circuit Figure 1.
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNITS
MIN
TYP
MAX
VCC
Power supply voltage range
fIN = 1GHz, input level = 0dBm
2.7
6.0
V
ICC
Supply current
No load
4.5
mA
VOH
Output high level
IOUT = 1.2mA
VCC-1.4
V
VOL
Output low level
VCC-2.6
V
VIH
MC1 input high threshold
2.0
VCC
V
VIL
MC1 input low threshold
–0.3
0.8
V
VIH
MC2 input high threshold
2.0
VCC
V
VIL
MC2 input low threshold
–0.3
0.8
V
IIH
MC1 input high current
VMC1 = VCC = 6V
0.1
50
µA
IIL
MC1 input low current
VMC1 = 0V, VCC = 6V
–100
–30
µA
IIH
MC2 input high current
VMC2 = VCC = 6V
0.1
50
µA
IIL
MC2 input low current
VMC2 = 0V, VCC = 6V
–100
–30
µA
AC ELECTRICAL CHARACTERISTICS
These AC specifications are valid for fIN = 1GHz, input level = 0dBm, VCC = 3.0V and TA = 25°C; unless otherwise stated. Test circuit Fig. 1.
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNITS
MIN
TYP
MAX
VIN
Input signal amplitude1
1000pF input coupling
0.05
2.0
VP-P
fIN
Input signal frequency
Direct coupled input2
0
1.1
GHz
1000pF input coupling
1.1
GHz
RID
Differential input resistance
DC measurement
5
k
Ω
VO
Output voltage
VCC = 5.0V
1.6
VP-P
VCC = 3.0V
1.2
VP-P
tS
Modulus set-up time1
5
ns
tH
Modulus hold time1
0
ns
tPD
Propagation time
10
ns
NOTES:
1. Maximum limit is not tested, however, it is guaranteed by design and characterization.
2. For fIN < 50MHz, minimum input slew rate of 32V/µs is required.
DESCRIPTION OF OPERATION
The SA702 comprises a frequency divider
circuit implemented using a divide by 4 or 5
synchronous prescaler followed by a 5 stage
synchronous counter, see BLOCK
DIAGRAM. The normal operating mode is for
MC1 (Modulus Control) to be set high and
MC2 input to be set low in which case the
circuit comprises a divide by 64. For divide
by 65 the MC1 singal is forced low, causing
the prescaler circuit to switch into divide by 5
operation for the last cycle of the
synchronous counter. For divide by 72, MC2
is set high configuring the prescaler to divide
by 4 and the counter to divide by 18. A truth
table for the modulus values is given below:
Table 1.
Modulus
MC1
MC2
64
1
0
65
0
0
72
0
1
72
1
1
For minimization of propagation delay effects,
the second divider circuit is synchronous to
the divide by 4/5 stage output.
The prescaler input is positive edge sensitive,
and the output at the final count is a falling
edge with propagation delay tPD relative to
the input. The rising edge of the output
occurs at the count 32 with delay tPD.
The MC1 and MC2 inputs are TTL
compatible threshold inputs operating at a
reduced input current. CMOS and low
voltage interface capability are allowed.
The prescaler input is differential and ECL
compatible. The output is differential ECL
compatible.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com