Electronic Components Datasheet Search
  English  ▼

X  

SA702D Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SA702D
Description  Divide by: 64/65/72 triple modulus low power ECL prescaler
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA702D Datasheet(HTML) 7 Page - NXP Semiconductors

  SA702D Datasheet HTML 1Page - NXP Semiconductors SA702D Datasheet HTML 2Page - NXP Semiconductors SA702D Datasheet HTML 3Page - NXP Semiconductors SA702D Datasheet HTML 4Page - NXP Semiconductors SA702D Datasheet HTML 5Page - NXP Semiconductors SA702D Datasheet HTML 6Page - NXP Semiconductors SA702D Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Philips Semiconductors RF Communications Products
Product specification
SA702
Divide by: 64/65/72 triple modulus low power
ECL prescaler
June 17, 1993
8
Figure 5. Typical N Package Input Impedance
R3
L4
R1
C2
C1
INPUT
4
Ω
6nH
0.4pF
0.9pF
3000
Ω
0
j0.2
j0.5
j1
j2
j5
–j5
–j2
–j1
–j0.5
–j0.2
0.2
0.5
1
2
5
VCC = 3V
TA = 25°C
EQUIVALENT INPUT IMPEDANCE
50
300
600
900
1200
Figure 6. Typical D Package Input Impedance
R3
L4
R1
C2
C1
INPUT
2
Ω
3nH
0.2pF
0.9pF
3000
Ω
0
j0.2
j0.5
j1
j2
j5
–j5
–j2
–j1
–j0.5
–j0.2
0.2
0.5
1
2
5
VCC = 3V
TA = 25°C
EQUIVALENT INPUT IMPEDANCE
50
300
600
900
1200



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com