Electronic Components Datasheet Search
  English  ▼

X  

MP6001 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP6001
Description  Monolithic Flyback/Forward dd-DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6001 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP6001 Datasheet HTML 1Page - Monolithic Power Systems MP6001 Datasheet HTML 2Page - Monolithic Power Systems MP6001 Datasheet HTML 3Page - Monolithic Power Systems MP6001 Datasheet HTML 4Page - Monolithic Power Systems MP6001 Datasheet HTML 5Page - Monolithic Power Systems MP6001 Datasheet HTML 6Page - Monolithic Power Systems MP6001 Datasheet HTML 7Page - Monolithic Power Systems MP6001 Datasheet HTML 8Page - Monolithic Power Systems MP6001 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
MP6001 – MONOLITHIC FLYBACK/FORWARD DC-DC CONVERTER
INITIAL RELEASE – SPECIFICATIONS SUBJECT TO CHANGE
MP6001 Rev. 0.91
www.MonolithicPower.com
3
4/5/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
PIN FUNCTIONS
Pin #
Name Description
1
GND Ground. Power return and reference node.
2
LINE UV/OV Set Point. Short to ground to turn the controller off.
3
FB
Regulation Feedback Input. Inverting input of the error amplifier. The non-inverting is internally
connected to 1.2V
4
COMP Error Amplifier Output.
5
RT
Oscillator Resistor and Synchronous Clock Pin. Connect an external resistor to GND for
oscillator frequency setting. It can be used as a synchronous input from external oscillator clock.
6
VCC
Supply Bias Voltage.
7
VIN
High Voltage Startup Circuit Supply.
8
SW
Output Switching Node. High voltage power N-Channel MOSFET drain output. The internal
start bias current is supplied from this pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com