Electronic Components Datasheet Search
  English  ▼

X  

MP6001 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP6001
Description  Monolithic Flyback/Forward dd-DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6001 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP6001 Datasheet HTML 1Page - Monolithic Power Systems MP6001 Datasheet HTML 2Page - Monolithic Power Systems MP6001 Datasheet HTML 3Page - Monolithic Power Systems MP6001 Datasheet HTML 4Page - Monolithic Power Systems MP6001 Datasheet HTML 5Page - Monolithic Power Systems MP6001 Datasheet HTML 6Page - Monolithic Power Systems MP6001 Datasheet HTML 7Page - Monolithic Power Systems MP6001 Datasheet HTML 8Page - Monolithic Power Systems MP6001 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
MP6001 – MONOLITHIC FLYBACK/FORWARD DC-DC CONVERTER
INITIAL RELEASE – SPECIFICATIONS SUBJECT TO CHANGE
MP6001 Rev. 0.91
www.MonolithicPower.com
5
4/5/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
OPERATION
The
MP6001
uses
programmable
fixed-
frequency, peak current-mode PWM with a
single-ended primary architecture to regulate
the output voltage. The MP6001 incorporates
features such as protection circuitry and an
integrated high voltage power switch into a
small 8-pin SOIC. This product targets high
performance, cost effective DC-DC converter
applications.
--
+
--
+
--
--
+
+
1.2V
EA
1.0V
1.2V
3.0V
OVLO
6.5V
4.5V
UVLO
ERROR
AMPLIFIER
PWM
COMPARATOR
CURRENT LIMIT
COMPARATOR
CURRENT SENSE
SLOPE
COMP
CLOCK
--
+
--
+
--
+
THERMAL
MONITOR
SOFT-START
CURRENT LIMIT
OSC
LEB
5
3
4
2
RT
MP6001_BD01
FB
COMP
LINE
REGULATOR
IBIAS
REF
6
8
1
VCC
SW
GND
STARTUP
CONTROL
LOGIC
7 VIN
Figure 1—Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com