Electronic Components Datasheet Search
  English  ▼

X  

MP6001 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP6001
Description  Monolithic Flyback/Forward dd-DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6001 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP6001 Datasheet HTML 3Page - Monolithic Power Systems MP6001 Datasheet HTML 4Page - Monolithic Power Systems MP6001 Datasheet HTML 5Page - Monolithic Power Systems MP6001 Datasheet HTML 6Page - Monolithic Power Systems MP6001 Datasheet HTML 7Page - Monolithic Power Systems MP6001 Datasheet HTML 8Page - Monolithic Power Systems MP6001 Datasheet HTML 9Page - Monolithic Power Systems MP6001 Datasheet HTML 10Page - Monolithic Power Systems MP6001 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
MP6001 – MONOLITHIC FLYBACK/FORWARD DC-DC CONVERTER
INITIAL RELEASE – SPECIFICATIONS SUBJECT TO CHANGE
MP6001 Rev. 0.91
www.MonolithicPower.com
7
4/5/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
Synchronize Programmable Oscillator
The MP6001 oscillating frequency is set by an
external resistor from the RT pin to ground. The
value of RT can be calculated from:
S
f
KHz
550
k
10
RT
×
Ω
=
The MP6001 can be synchronized to an
external clock pulse. The frequency of the clock
pulse must be higher than the internal oscillator
frequency. The clock pulse width should be
within 50ns to 150ns. The external clock can be
coupled to the RT pin with a 100pF capacitor
and a peak level greater than 3.5V.
Duty Cycle Limiting with Line Feed Forward
The MP6001 has a DMAX (maximum duty cycle)
limit at 67.5% when the LINE pin voltage is
equal to 1.3V. As VLINE increases, DMAX
reduces. Maximum duty cycle can be calculated
by:
%
100
V
V
7
.
2
V
7
.
2
D
LINE
MAX
×
⎥
⎦
⎤
⎢
⎣
⎡
+
=
Limiting the duty cycle at high line voltage
protects against magnetic saturation and
minimizes
the
output
sensitivity
to
line
transients.
Auto-Restart
When VCC is biased from an auxiliary winding
and an open loop condition occurs, the voltage
at the VCC pin increases to 6.5V. When VCC
crosses the threshold voltage, the auto-restart
circuit turns off the power switch and puts the
controller in standby mode. When VCC drops to
4.5V, the startup switch turns on to charge VCC
up again. When VCC crosses 6.0V, the switch
turns off and the standby current discharges
VCC back to 4.5V. After repeating the ramp
cycles between the two threshold voltages 15
times, the auto-restart circuit is disabled and the
controller begins soft-start.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com