Electronic Components Datasheet Search
  English  ▼

X  

MP6001 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP6001
Description  Monolithic Flyback/Forward dd-DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6001 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP6001 Datasheet HTML 1Page - Monolithic Power Systems MP6001 Datasheet HTML 2Page - Monolithic Power Systems MP6001 Datasheet HTML 3Page - Monolithic Power Systems MP6001 Datasheet HTML 4Page - Monolithic Power Systems MP6001 Datasheet HTML 5Page - Monolithic Power Systems MP6001 Datasheet HTML 6Page - Monolithic Power Systems MP6001 Datasheet HTML 7Page - Monolithic Power Systems MP6001 Datasheet HTML 8Page - Monolithic Power Systems MP6001 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MP6001
Monolithic Flyback/Forward
DC-DC Converter
INITIAL RELEASE – SPECIFICATIONS SUBJECT TO CHANGE
MP6001 Rev. 0.91
www.MonolithicPower.com
1
4/5/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
The Future of Analog IC Technology
TM
TM
DESCRIPTION
The MP6001 is a monolithic Flyback/Forward
DC-DC converter which includes a 150V power
switch and is capable of delivering up to 15W
output power. It can also be used for boost and
SEPIC applications.
The MP6001 uses the fixed-frequency peak
current mode primary controller architecture. It
has an internal soft-start, auto-retry, and
incorporates over current, short circuit, and
over-voltage protection. The MP6001 can also
skip cycles to maintain zero load regulation.
It has a direct optocoupler interface which
bypasses the internal error amplifier when an
isolated output is desired.
The MP6001 is ideal for telecom applications,
and is available in a compact, thermally
enhanced SO8 package with an exposed pad.
FEATURES
• Integrated 0.9Ω 150V Power Switch
• Cycle-by-Cycle Current Limiting
• Programmable Switching Frequency
• Duty Cycle Limiting with Line Feed Forward
• Integrated 100V Startup Circuit
• Internal Slope Compensation
• Disable Function
• Built-in Soft-Start
• Line Under Voltage Lockout
• Line Over Voltage Protection
• Auto-Restart for Opened/Shorted Output
• Zero Load Regulation
• Thermal Shutdown
APPLICATIONS
• Telecom Equipment
• VoIP Phones, Power over Ethernet (PoE)
• Distributed Power Conversion
“MPS” and “The Future of Analog IC Technology” are Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
MP6001
LINE
COMP
FB
VCC
8
5
1
7
2
4
3
6
SW
RT
GND
VIN
D2
B330A
D1
1N4148
R3
C3
10nF
TL431
MP6001_TAC_S01
PC357
+VIN
36V~72V
-VIN
VOUT
5V @ 3A
90
80
70
60
50
40
30
20
10
0
0
0.5
1.0
1.5
2.0
2.5
3.0
LOAD CURRENT (A)
MP6001-EC01
Efficiency vs
Load Current
VIN = 48V
VIN = 75V
VIN = 36V
VOUT = 5V


Similar Part No. - MP6001

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6001DN MPS-MP6001DN Datasheet
222Kb / 5P
Monolithic Flyback/Forward DC-DC Converter Evaluation Board
MP6001DN MPS-MP6001DN Datasheet
251Kb / 6P
WLED Driver Evaluation Board
MP6001DN MPS-MP6001DN Datasheet
234Kb / 7P
Monolithic Flyback/Forward DC-DC Converter EV Board
MP6001DN MPS-MP6001DN Datasheet
258Kb / 5P
Monolithic Buck DC-DC Converter EV Board
MP6001DN MPS-MP6001DN Datasheet
215Kb / 5P
Monolithic Flyback/Forward DC-DC Converter Evaluation Board
More results

Similar Description - MP6001

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV6001DN-00A MPS-EV6001DN-00A Datasheet
222Kb / 5P
Monolithic Flyback/Forward DC-DC Converter Evaluation Board
logo
Linear Technology
LT3512 LINER-LT3512_11 Datasheet
236Kb / 24P
Monolithic High Voltage Isolated Flyback Converter
logo
Monolithic Power System...
MP6002 MPS-MP6002 Datasheet
511Kb / 15P
Monolithic Flyback/Forward DC-DC Converter
logo
Linear Technology
LT3511 LINER-LT3511_15 Datasheet
264Kb / 26P
Monolithic High Voltage Isolated Flyback Converter
LT3512 LINER-LT3512_15 Datasheet
313Kb / 26P
Monolithic High Voltage Isolated Flyback Converter
logo
Monolithic Power System...
MP6003 MPS-MP6003 Datasheet
820Kb / 15P
Monolithic Flyback/SEPIC DC-DC Converter
EV6001DN-00B MPS-EV6001DN-00B Datasheet
234Kb / 7P
Monolithic Flyback/Forward DC-DC Converter EV Board
EV6001DN-01A MPS-EV6001DN-01A Datasheet
215Kb / 5P
Monolithic Flyback/Forward DC-DC Converter Evaluation Board
EV6002DN-00A MPS-EV6002DN-00A Datasheet
149Kb / 5P
Monolithic Flyback/Forward DC-DC Converter Evaluation Board
EV6003-N-00A MPS-EV6003-N-00A Datasheet
691Kb / 9P
Monolithic Flyback/Forward DC-DC Converter Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com