Electronic Components Datasheet Search
  English  ▼

X  

SAA2521 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # SAA2521
Description  Masking threshold processor for MPEG layer 1 audio compression applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA2521 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button SAA2521 Datasheet HTML 14Page - NXP Semiconductors SAA2521 Datasheet HTML 15Page - NXP Semiconductors SAA2521 Datasheet HTML 16Page - NXP Semiconductors SAA2521 Datasheet HTML 17Page - NXP Semiconductors SAA2521 Datasheet HTML 18Page - NXP Semiconductors SAA2521 Datasheet HTML 19Page - NXP Semiconductors SAA2521 Datasheet HTML 20Page - NXP Semiconductors SAA2521 Datasheet HTML 21Page - NXP Semiconductors SAA2521 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
August 1993
18
Philips Semiconductors
Preliminary specification
Masking threshold processor for MPEG
layer 1 audio compression applications
SAA2521
Fig.14 Order of appearance of bits on the interface.
MBC133
LTENA/C
LTCLK(C)
LTDATA(C)
bit :
T :
8
911
111
01
234
012
345
67
1
5
LTCNT0(C)/1(C)
Sample frequency indication.
MODE identification.
MSB
LSB
00
44.1 kHz
default value
01
48 kHz
10
32 kHz
11
--
do not use
MSB LSB
MODE
OUTPUT
00
stereo
L and R
01
joint stereo
L and R
10
2 - channel
mono
I or II as selected
11
1 - channel
mono
mono, no selection
Frequency Range Limitation
In encode mode the frequency range will be limited at
lower rates. This is implemented by making the samples of
higher frequency sub-bands equal to logic 0 before the
allocation calculation. This automatically ensures that
these sub-bands do not get any bits allocated.
The following table shows the sub-bands affected and the
resulting frequency range.
The transfer of either 8-bits or 16-bits is permitted for the
transfer of status information. When only 8-bits are
transferred, these will always form the first byte and may
be used in checking the ready-to-receive bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com