Electronic Components Datasheet Search
  English  ▼

X  

SAA2521 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SAA2521
Description  Masking threshold processor for MPEG layer 1 audio compression applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA2521 Datasheet(HTML) 2 Page - NXP Semiconductors

  SAA2521 Datasheet HTML 1Page - NXP Semiconductors SAA2521 Datasheet HTML 2Page - NXP Semiconductors SAA2521 Datasheet HTML 3Page - NXP Semiconductors SAA2521 Datasheet HTML 4Page - NXP Semiconductors SAA2521 Datasheet HTML 5Page - NXP Semiconductors SAA2521 Datasheet HTML 6Page - NXP Semiconductors SAA2521 Datasheet HTML 7Page - NXP Semiconductors SAA2521 Datasheet HTML 8Page - NXP Semiconductors SAA2521 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
August 1993
2
Philips Semiconductors
Preliminary specification
Masking threshold processor for MPEG
layer 1 audio compression applications
SAA2521
FEATURES
• Stereo or 2-channel mono encoding
• Status may be read continuously
• Microcontroller interface
• I2S-interfaces
• Allocation algorithm including optional emphasis
correction (for 44.1 kHz)
• Reduced power consumption
• 4 V nominal operating voltage capability.
GENERAL DESCRIPTION
The SAA2521 performs the adaptive allocation and
scaling function for calculating the masking thresholds and
sub-band sample accuracy in MPEG layer 1 applications.
The SAA2521 is intended for use in conjunction with the
stereo filter codec SAA2520.
ORDERING INFORMATION
Note
1. SOT205-1; 1996 August 23.
EXTENDED TYPE
NUMBER
PACKAGE
PINS
PIN POSITION
MATERIAL
CODE
SAA2521GP
44
QFP
plastic
SOT205AG(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com