Electronic Components Datasheet Search
  English  ▼

X  

XRT8000IP Datasheet(PDF) 10 Page - Exar Corporation

Part # XRT8000IP
Description  Clock Synchronizer/Adapter for Communications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT8000IP Datasheet(HTML) 10 Page - Exar Corporation

Back Button XRT8000IP Datasheet HTML 6Page - Exar Corporation XRT8000IP Datasheet HTML 7Page - Exar Corporation XRT8000IP Datasheet HTML 8Page - Exar Corporation XRT8000IP Datasheet HTML 9Page - Exar Corporation XRT8000IP Datasheet HTML 10Page - Exar Corporation XRT8000IP Datasheet HTML 11Page - Exar Corporation XRT8000IP Datasheet HTML 12Page - Exar Corporation XRT8000IP Datasheet HTML 13Page - Exar Corporation XRT8000IP Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
XRT8000
10
Rev. 1.11
CR2 Register (Power On State = “00000”)
D0 (PL2EN):
Enable control for PLL2. If PL2EN = “1”, then PLL2 is
enabled. Otherwise, if PL2EN = “0”, PLL2 is disabled.
D1~D4 (M1~M4):
Control bits for prescaler divider. These bits will set the
divide ratio of the prescaler such that in MASTER/
FORWARD or REVERSE modes the output of this block
is always at 8kHz. The settings for M4~M1 bits is based
on the input frequency and the mode of operation (which
is determined by the state of IOC4~IOC1 bits) is provided
in Table 3.
M4
M3
M2
M1
Mode
Input Freq.[kHz]
0
0
0
0
Forward
1x(1544 or 2048)
0
0
0
1
Forward
2x(1544 or 2048)
0
0
1
0
Forward
3x(1544 or 2048)
0
0
1
1
Forward
4x(1544 or 2048)
0
1
0
0
Forward
5x(1544 or 2048)
0
1
0
1
Forward
6x(1544 or 2048)
0
1
1
0
Forward
7x(1544 or 2048)
0
1
1
1
Forward
8x(1544 or 2048)
1
0
0
0
Forward
9x(1544 or 2048)
1
0
0
1
Forward
10x(1544 or 2048)
1
0
1
0
Forward
11x(1544 or 2048)
1
0
1
1
Forward
12x(1544 or 2048)
1
1
0
0
Forward
13x(1544 or 2048)
1
1
0
1
Forward
14x(1544 or 2048)
1
1
1
0
Forward
15x(1544 or 2048)
1
1
1
1
Forward
16x(1544 or 2048)
x
x
x
x
Reverse
56
x
x
x
x
Reverse
64
Note
:
This table applies to MASTER (FORWARD, REVERSE) mode only
Table 3. CR2 Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com