Electronic Components Datasheet Search
  English  ▼

X  

XRT8000IP Datasheet(PDF) 20 Page - Exar Corporation

Part # XRT8000IP
Description  Clock Synchronizer/Adapter for Communications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT8000IP Datasheet(HTML) 20 Page - Exar Corporation

Back Button XRT8000IP Datasheet HTML 16Page - Exar Corporation XRT8000IP Datasheet HTML 17Page - Exar Corporation XRT8000IP Datasheet HTML 18Page - Exar Corporation XRT8000IP Datasheet HTML 19Page - Exar Corporation XRT8000IP Datasheet HTML 20Page - Exar Corporation XRT8000IP Datasheet HTML 21Page - Exar Corporation XRT8000IP Datasheet HTML 22Page - Exar Corporation XRT8000IP Datasheet HTML 23Page - Exar Corporation XRT8000IP Datasheet HTML 24Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
XRT8000
20
Rev. 1.11
8 kHz
k
Output Frequencies (Hz)
(k x 2400)
1,200
150
1
2,400
300
2
4,800
600
3
7,200
900
4
9,600
1,200
5
12,000
1,500
6
14,400
1,800
7
16,800
2,100
8
19,200
2,400
9
21,600
2,700
10
24,000
3,000
11
26,400
3,300
12
28,800
3,600
13
31,200
3,900
14
33,600
4,200
15
36,000
4,500
16
38,400
4,800
17
40,800
5,100
18
43,200
5,400
SYNC
8 kHz
k x 2.4 kHz
(1<=k<=18)
FIN
XRT8000
CLK1
CLK2
Figure 10. Slave Forward Mode (Cont’d)
(k x 2400)/8
0.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com