Electronic Components Datasheet Search
  English  ▼

X  

XRT8000IP Datasheet(PDF) 12 Page - Exar Corporation

Part # XRT8000IP
Description  Clock Synchronizer/Adapter for Communications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT8000IP Datasheet(HTML) 12 Page - Exar Corporation

Back Button XRT8000IP Datasheet HTML 8Page - Exar Corporation XRT8000IP Datasheet HTML 9Page - Exar Corporation XRT8000IP Datasheet HTML 10Page - Exar Corporation XRT8000IP Datasheet HTML 11Page - Exar Corporation XRT8000IP Datasheet HTML 12Page - Exar Corporation XRT8000IP Datasheet HTML 13Page - Exar Corporation XRT8000IP Datasheet HTML 14Page - Exar Corporation XRT8000IP Datasheet HTML 15Page - Exar Corporation XRT8000IP Datasheet HTML 16Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
XRT8000
12
Rev. 1.11
CR4 Register (Power On State = “00000”)
SEL24~SEL20:
These bits control the frequency multiplier “K” for the
PLL2, after selecting Kx56, Kx64 or DATA mode through
register CR1 (1 < K < 32).
Table 5 provides the settings for SEL24~20 bits to
generate harmonic of 56kHz, 64kHz or 1.2kHz at the
output of PLL2.
PLL2 Output Frequency (kHz)
SEL24~SEL20
K factor
Kx56 MODE
Kx64 MODE
DATA MODE
00000
1
56
64
1.2
00001
2
112
128
2.4
00010
3
168
192
4.8
00011
4
224
256
7.2
00100
5
280
320
9.6
00101
6
336
384
12
00110
7
392
448
14.4
00111
8
448
512
16.8
01000
9
504
576
19.2
01001
10
560
640
21.6
01010
11
616
704
24
01011
12
672
768
26.4
01100
13
728
832
28.8
01101
14
784
896
31.2
01110
15
840
960
33.6
01111
16
896
1024
36
10000
17
952
1088
38.4
10001
18
1008
1152
40.8
10010
19
1064
1216
43.2
10011
20
1120
1280
43.2
10100
21
1176
1344
43.2
10101
22
1232
1408
43.2
10110
23
1288
1472
43.2
10111
24
1344
1536
43.2
11000
25
1400
1600
43.2
11001
26
1456
1664
43.2
11010
27
1512
1728
43.2
11011
28
1568
1792
43.2
11100
29
1624
1856
43.2
11101
30
1680
1920
43.2
11110
31
1736
1984
43.2
11111
32
1792
2048
43.2
Note
:
This table applies to forward or slave forward mode only
Table 5. CR4 Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com