Electronic Components Datasheet Search
  English  ▼

X  

XRT8000IP Datasheet(PDF) 14 Page - Exar Corporation

Part # XRT8000IP
Description  Clock Synchronizer/Adapter for Communications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT8000IP Datasheet(HTML) 14 Page - Exar Corporation

Back Button XRT8000IP Datasheet HTML 10Page - Exar Corporation XRT8000IP Datasheet HTML 11Page - Exar Corporation XRT8000IP Datasheet HTML 12Page - Exar Corporation XRT8000IP Datasheet HTML 13Page - Exar Corporation XRT8000IP Datasheet HTML 14Page - Exar Corporation XRT8000IP Datasheet HTML 15Page - Exar Corporation XRT8000IP Datasheet HTML 16Page - Exar Corporation XRT8000IP Datasheet HTML 17Page - Exar Corporation XRT8000IP Datasheet HTML 18Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
XRT8000
14
Rev. 1.11
CR5 Register (Power On State = “00000”)
D0 : ( PL1/8) :
Select the divider by 8 for PLL1,
PL1/8 = “1” CLK1 output frequency is divided by 8.
PL1/8 = “0” CLK1 output frequency is as per table 4.
D1 : ( PL2/8) :
Select the divider by 8 for PLL2,
PL2/8 = “1” CLK2 output frequency is divided by 8.
PL2/8 = “0” CLK2 output frequency is as per table 5.
D2 : ( CLK2EN) , PLL2:
Output enable bit,
CLK2EN = “1” CLK2 output is enabled.
CLK2EN = “0” CLK2 output is Tri State D.
D3 : ( CLK1EN) , PLL1:
Output enable bit,
CLK1EN = “1” CLK1 output is enabled.
CLK1EN = “0” CLK1 output is Tri State D.
D4 : ( SYNCEN) , 8kHz SYNC enable bit:
SYNCEN = “1” SYNC output is enabled.
SYNCEN = “0” SYNC output is Tri State D.
CR6 to CR7 Register
Register reserved for future use.
Address
Data In
Data Out
R/W
A0
A1
A2
A3
A4
A5
A6
D0
D1
D2
D3
D4
D5
D6
D7
D0
D1
D2
D3
D4
D5
D6
D7
HiZ
HiZ
SDO
SDI
SCLK
CSB
Figure 4. Serial Processor Interface Data Structure
Note
:
A3, A4 and A5 always Low.
A6 Do not care.
R/W bit = 1 for a read operation
2 for a write operation
D5, D6 and D7 always Low
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
SERIAL INTERFACE
The serial interface is a simple four wire interface that is
compatible with many of the microcontrollers available in
the market. This interface consists of the following
signals:
CSB
Chip Select (Active Low)
SCLK
Serial Clock Input
SDI
Serial Data Input
SDO
Serial Data Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com