Electronic Components Datasheet Search
  English  ▼

X  

RF2174 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2174
Description  3V DCS POWER AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2174 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2174 Datasheet HTML 1Page - RF Micro Devices RF2174 Datasheet HTML 2Page - RF Micro Devices RF2174 Datasheet HTML 3Page - RF Micro Devices RF2174 Datasheet HTML 4Page - RF Micro Devices RF2174 Datasheet HTML 5Page - RF Micro Devices RF2174 Datasheet HTML 6Page - RF Micro Devices RF2174 Datasheet HTML 7Page - RF Micro Devices RF2174 Datasheet HTML 8Page - RF Micro Devices RF2174 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
2-277
RF2174
Rev A8 060918
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Power Control
Power Control “ON”
2.6
V
Maximum POUT, Voltage supplied to the
input
Power Control “OFF”
0.2
0.5
V
Minimum POUT, Voltage supplied to the input
Attenuator Enable “ON”
2.5
2.6
2.85
V
For maximum isolation when VAPCis low
Attenuator Enable “OFF”
0.2
0.5
V
For power down mode
Power Control Range
61.5
68
dB
VAPC=0.2V to 2.7V, VAT_EN=2.6V,
PIN=+9dBm
Gain Control Slope
100
dB/V
POUT=-10dBm to +33dBm
APC Input Capacitance
10
pF
DC to 2MHz
APC Input Current
4.5
5
mA
VAPC1,2=2.6V
10
μAV
APC1,2 =0 V
AT_EN Input Current
500
μAV
AT_EN = 2.6 V, VAPC =0 V
10
μAV
AT_EN =0 V, VAPC =0V
Turn On/Off Time
100
ns
Power Supply
Power Supply Voltage
3.5
V
Specifications
2.7
4.8
V
Nominal operating limits, POUT<+33dBm
5.5
V
With maximum output load VSWR 6:1,
POUT<+33dBm
Power Supply Current
1.3
A
DC Current at POUT,MAX
50
300
mA
Idle Current, PIN<-30dBm
110
μAP
IN < -30 dBm, VAPC =0.2 V
110
μAP
IN < -30 dBm, VAPC = 0.2 V, Temp = +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com