Electronic Components Datasheet Search
  English  ▼

X  

RF2174 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF2174
Description  3V DCS POWER AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2174 Datasheet(HTML) 5 Page - RF Micro Devices

  RF2174 Datasheet HTML 1Page - RF Micro Devices RF2174 Datasheet HTML 2Page - RF Micro Devices RF2174 Datasheet HTML 3Page - RF Micro Devices RF2174 Datasheet HTML 4Page - RF Micro Devices RF2174 Datasheet HTML 5Page - RF Micro Devices RF2174 Datasheet HTML 6Page - RF Micro Devices RF2174 Datasheet HTML 7Page - RF Micro Devices RF2174 Datasheet HTML 8Page - RF Micro Devices RF2174 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
2-279
RF2174
Rev A8 060918
Pin
Function
Description
Interface Schematic
15
VCC2
Power supply for the driver stage and interstage matching. This pin
forms the shunt inductance needed for proper tuning of the interstage
match. Please refer to the application schematic for proper configura-
tion, and note that position and value of the components are important.
16
VCC2
Same as pin 15.
Same as pin 15.
Pkg
Base
GND
Ground connection for the output stage. This pad should be connected
to the groundplane by vias directly under the device. A short path is
required to obtain optimum performance, as well as to provide a good
thermal path to the PCB for maximum heat dissipation.
GND2
VCC2
From Bias
Stages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com