Electronic Components Datasheet Search
  English  ▼

X  

RF2174 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2174
Description  3V DCS POWER AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2174 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2174 Datasheet HTML 1Page - RF Micro Devices RF2174 Datasheet HTML 2Page - RF Micro Devices RF2174 Datasheet HTML 3Page - RF Micro Devices RF2174 Datasheet HTML 4Page - RF Micro Devices RF2174 Datasheet HTML 5Page - RF Micro Devices RF2174 Datasheet HTML 6Page - RF Micro Devices RF2174 Datasheet HTML 7Page - RF Micro Devices RF2174 Datasheet HTML 8Page - RF Micro Devices RF2174 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
2-278
RF2174
Rev A8 060918
Pin
Function
Description
Interface Schematic
1GND
Internally connected to the ground slug.
See pin 15.
2AT_EN
Control input for the PIN diode. The purpose of the PIN diode is to
attenuate the RF input drive level when the VAPC is low. This serves
both to reduce the leakage through the device cause by self biasing
when driving with high level at the RF input, as well as to maintain a
good input match when the bias of the input stage is turned off. When
this pin is “high” the PIN diode control is turned on. See the Theory of
Operation for more details.
3RF IN
RF Input. This is a 50
Ω input, but the actual impedance depends on the
interstage matching network connected to pin 5. An external DC block-
ing capacitor is required if this port is connected to a DC path to ground
or a DC voltage.
4GND1
Ground connection for the pre-amplifier stage. Keep traces physically
short and connect immediately to the ground plane for best perfor-
mance. It is important for stability that this pin has it’s own vias to the
groundplane, to minimize any common inductance.
See pin 3.
5VCC1
Power supply for the pre-amplifier stage and interstage matching. This
pin forms the shunt inductance needed for proper tuning of the inter-
stage match. Please refer to the application schematic for proper con-
figuration, and note that position and value of the components are
important.
See pin 3.
6APC1
Power Control for the driver stage and pre-amplifier. When this pin is
"low," all circuits are shut off. A "low" is typically 0.5V or less at room
temperature. A shunt bypass capacitor is required. During normal oper-
ation this pin is the power control. Control range varies from about 1.0V
for -10dBm to 2.6V for +33dBm RF output power. The maximum power
that can be achieved depends on the actual output matching; see the
application information for more details. The maximum current into this
pin is 5mA when VAPC1=2.6V, and 0mA when VAPC=0V.
7APC2
Power Control for the output stage. See pin 6 for more details.
See pin 6.
8VCC
Power supply for the bias circuits.
See pin 6.
9GND
Internally connected to the ground slug.
10
RF OUT
RF Output and power supply for the output stage. Bias voltage for the
final stage is provided through this wide output pin. An external match-
ing network is required to provide the optimum load impedance.
11
RF OUT
Same as pin 10.
Same as pin 10.
12
RF OUT
Same as pin 10.
Same as pin 10.
13
2F0
Connection for the second harmonic trap. This pin is internally con-
nected to the RF OUT pins. The bonding wire together with an external
capacitor form a series resonator that should be tuned to the second
harmonic frequency in order to increase efficiency and reduce spurious
outputs.
Same as pin 10.
14
VCC2
Same as pin 15.
GND1
To PIN
diode
3k
Ω
AT_EN
RF IN
GND 1
VCC1
From Bias
Stages
PIN
From Attn
control circuit
GND
VCC
To RF
Stages
GND
APC
GND
PCKG BAS
RF OUT
From Bias
Stages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com