Electronic Components Datasheet Search
  English  ▼

X  

RF2174 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2174
Description  3V DCS POWER AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2174 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2174 Datasheet HTML 1Page - RF Micro Devices RF2174 Datasheet HTML 2Page - RF Micro Devices RF2174 Datasheet HTML 3Page - RF Micro Devices RF2174 Datasheet HTML 4Page - RF Micro Devices RF2174 Datasheet HTML 5Page - RF Micro Devices RF2174 Datasheet HTML 6Page - RF Micro Devices RF2174 Datasheet HTML 7Page - RF Micro Devices RF2174 Datasheet HTML 8Page - RF Micro Devices RF2174 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
2-275
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
InGaP/HBT
GaN HEMT
SiGe Bi-CMOS
RF OUT
RF OUT
RF OUT
AT_EN
RF IN
GND1
1
2
3
4
5
6
7
8
9
12
11
10
16
15
14
13
RF2174
3V DCS POWER AMPLIFIER
• 3V DCS1800 (PCN) Cellular Handsets
• 3V DCS1900 (PCS) Cellular Handsets
• 3V Dual-Band/Triple-Band Handsets
• Commercial and Consumer Systems
• Portable Battery-Powered Equipment
• GPRS Compatible
The RF2174 is a high power, high efficiency power ampli-
fier module offering high performance in GSM or GPRS
applications. The device is manufactured on an advanced
GaAs HBT process, and has been designed for use as
the final RF amplifier in DCS1800/1900 hand-held digital
cellular
equipment
and
other
applications
in
the
1700MHz to 2000MHz band. On-board power control
provides over 65dB of control range with an analog volt-
age input, and provides power down with a logic “low” for
standby operation. The device is self-contained with 50
Ω
input and the output can be easily matched to obtain opti-
mum power and efficiency characteristics. The RF2174
can be used together with the RF2173 for dual-band
operation. The device is packaged in an ultra-small plas-
tic package, minimizing the required board space.
• Single 2.7V to 4.8V Supply Voltage
• +33dBm Output Power at 3.5V
• 27dB Gain with Analog Gain Control
• 51% Efficiency
• 1700MHz to 1950MHz Operation
• Supports DCS1800 and PCS1900
RF2174
3V DCS Power Amplifier
RF2174PCBA-41X Fully Assembled Evaluation Board
0
Rev A8 060918
12°
MAX
0.05
0.00
0.75
0.65
1.00
0.90
C
0.05
Dimensions in mm.
Shaded pin is lead 1.
A
4.00
2.00
1.50
SQ.
4.00
2
2.00
1.60
2 PLCS
0.10 C A
2 PLCS
0.10
C AB
M
3.20
2 PLCS
0.75
0.50
0.10 C B
2 PLCS
-B-
0.80
TYP
0.45
0.28
0.10 C A
2 PLCS
3.75
3.75
0.10 C B
2 PLCS
INDEX AREA
Package Style: QFN, 16-Pin, 4x4
RoHS Compliant & Pb-Free Product


Similar Part No. - RF2174

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2174 RFMD-RF2174 Datasheet
129Kb / 12P
3V DCS POWER AMPLIFIER
RF2174 RFMD-RF2174 Datasheet
321Kb / 16P
3V DCS POWER AMPLIFIER
RF2174PCBA RFMD-RF2174PCBA Datasheet
129Kb / 12P
3V DCS POWER AMPLIFIER
RF2174 RFMD-RF2174_1 Datasheet
321Kb / 16P
3V DCS POWER AMPLIFIER
RF2174 RFMD-RF2174_15 Datasheet
817Kb / 14P
3V DCS POWER AMPLIFIER
More results

Similar Description - RF2174

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2140 RFMD-RF2140 Datasheet
176Kb / 12P
3V DCS POWER AMPLIFIER
RF2174 RFMD-RF2174 Datasheet
129Kb / 12P
3V DCS POWER AMPLIFIER
logo
TriQuint Semiconductor
TQM7M4012 TRIQUINT-TQM7M4012 Datasheet
538Kb / 12P
3V QUAD - BRAND GSM850/900 DCS/PCS POWER AMPLIFIER MODULE
logo
RF Micro Devices
RF5111 RFMD-RF5111 Datasheet
171Kb / 14P
3V DCS POWER AMPLIFIER
RF5111 RFMD-RF5111_1 Datasheet
311Kb / 14P
3V DCS POWER AMPLIFIER
RF2174 RFMD-RF2174_1 Datasheet
321Kb / 16P
3V DCS POWER AMPLIFIER
logo
TriQuint Semiconductor
TQM7M4007 TRIQUINT-TQM7M4007_15 Datasheet
91Kb / 1P
3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
TQM7M5012H TRIQUINT-TQM7M5012H_15 Datasheet
107Kb / 1P
3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
TQM7M5022 TRIQUINT-TQM7M5022_15 Datasheet
59Kb / 1P
3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
logo
RF Micro Devices
RF2174 RFMD-RF2174_15 Datasheet
817Kb / 14P
3V DCS POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com