Electronic Components Datasheet Search
  English  ▼

X  

SP6260 Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP6260
Description  High Speed, Extremely Low Noise 150mA LDO Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6260 Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP6260 Datasheet HTML 7Page - Sipex Corporation SP6260 Datasheet HTML 8Page - Sipex Corporation SP6260 Datasheet HTML 9Page - Sipex Corporation SP6260 Datasheet HTML 10Page - Sipex Corporation SP6260 Datasheet HTML 11Page - Sipex Corporation SP6260 Datasheet HTML 12Page - Sipex Corporation SP6260 Datasheet HTML 13Page - Sipex Corporation SP6260 Datasheet HTML 14Page - Sipex Corporation SP6260 Datasheet HTML 15Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image

Apr5-07 RevD
SP6260 High Speed, Extremely Low Noise LDO Regulator
© 2007 Sipex Corporation
Output Voltage vs. Output Current
SP6260AEK (.5V)
Output Voltage vs. Input Voltage
SP6260AEK (.5V)
0
50
00
50
200
250
00
50
0.0
0.
0.6
0.
.2
.5
Output Current (mA)
SP6260AEK (.5V)
V
IN=2V
V
IN=2.5V
V
IN=V
0

2


5
6
7
0.00
0.25
0.50
0.75
.00
.25
.50
Input Voltage (V)
SP6260AEK (.5V)
I
OUT=0mA
0
50
00
50
200
250
00
50
0.0
0.5
.0
.5
2.0
2.5
.0
.5
Output Current (mA)
SP6260EEK (.0V)
V
I N =  .  V
V
IN=V
V
IN=6V
Output Voltage vs. Output Current
SP6260EEK (.0V)
0

2


5
6
7
2.00
2.25
2.50
2.75
.00
.25
.50
Input Voltage (V)
SP6260EEK (.0V)
I
OUT=0mA
Output Voltage vs. Input Voltage
SP6260EEK (.0V)
APPLICATION INfORmATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com