Electronic Components Datasheet Search
  English  ▼

X  

SP6260 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP6260
Description  High Speed, Extremely Low Noise 150mA LDO Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6260 Datasheet(HTML) 3 Page - Sipex Corporation

  SP6260 Datasheet HTML 1Page - Sipex Corporation SP6260 Datasheet HTML 2Page - Sipex Corporation SP6260 Datasheet HTML 3Page - Sipex Corporation SP6260 Datasheet HTML 4Page - Sipex Corporation SP6260 Datasheet HTML 5Page - Sipex Corporation SP6260 Datasheet HTML 6Page - Sipex Corporation SP6260 Datasheet HTML 7Page - Sipex Corporation SP6260 Datasheet HTML 8Page - Sipex Corporation SP6260 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image

Apr5-07 RevD
SP6260 High Speed, Extremely Low Noise LDO Regulator
© 2007 Sipex Corporation
Parameter
Symbol
Value
Unit
Input Voltage
VIN
6.5
V
Enable Input Voltage
VCE
-0.3 to VIN+0.3
V
Output Current
IOUT
300
mA
Junction Temperature
TJ
150
oC
Storage Temperature Range
TSTG
-65 to 150
oC
Lead Temperature (Soldering, 10sec)
TLEAD
260
oC
Thermal Resistance (Note 2)
JA
oC/W
SOT-23-5
250
ESD (Human Body Model)
ESD
2000
V
ESD (Machine Model)
ESD
200
V
Absolute maximum Ratings (Note 1)
Parameter
Symbol
Min
Max
Unit
Input Voltage
VIN
2
6
V
Operating Junction Temperature Range
TJ
-40
85
oC
Recommended Operating Conditions
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated
under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Maximum Ratings" for extended periods
may affect device reliability.
Note 2: Absolute maximum ratings indicate limits beyond which damage to the component may occur. Electrical specifica-
tions do not apply when operating the device outside of its operating ratings. The maximum allowable power dissipation is a
function of the maximum junction temperature, TJ(max), the junction-to-ambient thermal resistance, JA, and the ambient tem-
perature, TA. The maximum allowable power dissipation at any ambient temperature is calculated using: PD(max)=(TJ(max) -
TA)/ JA. Exceeding the maximum allowable power dissipation will result in excessive die temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com