Electronic Components Datasheet Search
  English  ▼

X  

SP6260 Datasheet(PDF) 17 Page - Sipex Corporation

Part # SP6260
Description  High Speed, Extremely Low Noise 150mA LDO Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6260 Datasheet(HTML) 17 Page - Sipex Corporation

Back Button SP6260 Datasheet HTML 9Page - Sipex Corporation SP6260 Datasheet HTML 10Page - Sipex Corporation SP6260 Datasheet HTML 11Page - Sipex Corporation SP6260 Datasheet HTML 12Page - Sipex Corporation SP6260 Datasheet HTML 13Page - Sipex Corporation SP6260 Datasheet HTML 14Page - Sipex Corporation SP6260 Datasheet HTML 15Page - Sipex Corporation SP6260 Datasheet HTML 16Page - Sipex Corporation SP6260 Datasheet HTML 17Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
7
Apr5-07 RevD
SP6260 High Speed, Extremely Low Noise LDO Regulator
© 2007 Sipex Corporation
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Voltage
VOUT
VIN=3.8V
1mA IOUT 30mA
2.744
2.8
2.856
V
Input Voltage
VIN
6
V
Output Current
IOUT
VIN-VOUT=1V
150
mA
Load Regulation
VRLOAD
VIN=3.8V
1mA IOUT 80mA
12
40
mV
Line Regulation
VRLINE
3.3V VIN 6V
IOUT=30mA
4
16
mV
Dropout Voltage
VDROP
IOUT=10mA
20
40
mV
IOUT=100mA
150
300
IOUT=150mA
200
400
Quiescent Current
IQ
VIN=3.8V, IOUT 0mA
25
50
A
Standby Current
ISTD
VIN=3.8V
VCE in OFF mode
0.1
1
A
Power Supply
Rejection Ratio
PSRR
Ripple 0.5Vp-p, f=10kHz
VIN=3.8V
70
dB
Output Voltage
Temperature Coefficient
VOUT/ T
IOUT=30mA
280
V/oC
(
VOUT/VOUT)/ T
100
ppm/oC
Short Current Limit
ILIMIT
VOUT=0V
50
mA
RMS Output Noise
VNOISE
TA=25oC
10Hz
f 100kHz
30
Vrms
CE "High" Voltage
CE input voltage "High"
1.5
V
CE "Low" Voltage
CE input voltage "Low"
0.25
V
CE Pull-down Resistance
RPD
2.5
5
10
M
(VIN=3.8V, TJ=25oC, CIN=1 F, COUT=1 F, Bold typeface applies over -40oC TJ 85oC, unless otherwise specified.)
Electrical Characteristics (Continued)
SP6260DEK (2.8V)
Sipex Corporation
Headquarters and
Sales Office
2 South Hillview Drive
Milpitas, CA 505
TEL: (0) -7500
FAX: (0) 5-7600
ORDERINg INfORmATION
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume
any liability arising out of the application or use of any product or circuit described herein; neither does it convey
any license under its patent rights nor the rights of others.
Part Number
Voltage Voltage
Accuracy
Operating
Temperature
Range
Package
marking
Pack Qty
SP6260AEK-L/TR
.5V
± 2%
-0ºC to +5ºC Lead Free
5 Pin SOT-2
DBWW
,000
Tape & Reel
SP6260BEK-L/TR
.V
± 2%
-0ºC to +5ºC Lead Free
5 Pin SOT-2
EBWW
,000
Tape & Reel
SP6260CEK-L/TR 2.5V
± 2%
-0ºC to +5ºC Lead Free
5 Pin SOT-2
FBWW
,000
Tape & Reel
SP6260DEK-L/TR 2.V
± 2%
-0ºC to +5ºC Lead Free
5 Pin SOT-2
GBWW
,000
Tape & Reel
SP6260EEK-L/TR
.0V
± 2%
-0ºC to +5ºC Lead Free
5 Pin SOT-2
HBWW
,000
Tape & Reel
SP6260FEK-L/TR
.2V
± 2%
-0ºC to +5ºC Lead Free
5 Pin SOT-2
JBWW
,000
Tape & Reel
SP6260GEK-L/TR .V
± 2%
-0ºC to +5ºC Lead Free
5 Pin SOT-2
KBWW
,000
Tape & Reel
For further assistance:
Email:
Sipexsupport@sipex.com
WWW Support page:
http://www.sipex.com/content.aspx?p=support
Sipex Application Notes: http://www.sipex.com/applicationNotes.aspx
Solved by
TM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com