Electronic Components Datasheet Search
  English  ▼

X  

SP6260 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP6260
Description  High Speed, Extremely Low Noise 150mA LDO Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6260 Datasheet(HTML) 4 Page - Sipex Corporation

  SP6260 Datasheet HTML 1Page - Sipex Corporation SP6260 Datasheet HTML 2Page - Sipex Corporation SP6260 Datasheet HTML 3Page - Sipex Corporation SP6260 Datasheet HTML 4Page - Sipex Corporation SP6260 Datasheet HTML 5Page - Sipex Corporation SP6260 Datasheet HTML 6Page - Sipex Corporation SP6260 Datasheet HTML 7Page - Sipex Corporation SP6260 Datasheet HTML 8Page - Sipex Corporation SP6260 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image

Apr5-07 RevD
SP6260 High Speed, Extremely Low Noise LDO Regulator
© 2007 Sipex Corporation
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Voltage
VOUT
VIN=2.5V
1mA IOUT 30mA
1.47
1.5
1.53
V
Input Voltage
VIN
6
V
Output Current
IOUT
VIN-VOUT=1V
150
mA
Load Regulation
VRLOAD
VIN=2.5V
1mA IOUT 80mA
12
40
mV
Line Regulation
VRLINE
2.3V VIN 6V
IOUT=30mA
4
16
mV
Dropout Voltage
VDROP
IOUT=10mA
400
600
mV
IOUT=100mA
400
600
IOUT=150mA
400
600
Quiescent Current
IQ
VIN=2.5V, IOUT 0mA
25
50
A
Standby Current
ISTD
VIN=2.5V
VCE in OFF mode
0.1
1
A
Power Supply
Rejection Ratio
PSRR
Ripple 0.5Vp-p, f=10kHz
VIN=2.5V
70
dB
Output Voltage
Temperature Coefficient
VOUT/ T
IOUT=30mA
150
V/oC
( VOUT/VOUT)/ T
100
ppm/oC
Short Current Limit
ILIMIT
VOUT=0V
50
mA
RMS Output Noise
VNOISE
TA=25oC
10Hz f 100kHz
30
Vrms
CE "High" Voltage
CE input voltage "High"
1.5
V
CE "Low" Voltage
CE input voltage "Low"
0.25
V
CE Pull-down Resistance
RPD
2.5
5
10
M
(VIN=2.5V, TJ=25oC, CIN=1 F, COUT=1 F, Bold typeface applies over -40oC TJ 85oC, unless otherwise specified.)
Electrical Characteristics
SP6260AEK (1.5V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com