Electronic Components Datasheet Search
  English  ▼

X  

SP6265 Datasheet(PDF) 8 Page - Sipex Corporation

Part # SP6265
Description  Dual Low-Dropout CMOS Voltage Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6265 Datasheet(HTML) 8 Page - Sipex Corporation

Back Button SP6265 Datasheet HTML 4Page - Sipex Corporation SP6265 Datasheet HTML 5Page - Sipex Corporation SP6265 Datasheet HTML 6Page - Sipex Corporation SP6265 Datasheet HTML 7Page - Sipex Corporation SP6265 Datasheet HTML 8Page - Sipex Corporation SP6265 Datasheet HTML 9Page - Sipex Corporation SP6265 Datasheet HTML 10Page - Sipex Corporation SP6265 Datasheet HTML 11Page - Sipex Corporation SP6265 Datasheet HTML 12Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
Mar2-07 Rev O
SP6265 Dual Low-Dropout CMOS Voltage Regulator
© 2007 Sipex Corporation
Quiescent Current vs input Voltage
Supply Current vs. Load current
Quiescent Current vs Temperature
Dropout Voltage vs Load Current
Dropout Voltage vs Output Voltage
Output Voltage vs Temperature
0
20
0
60
80
00
20
0
60
0
0
20
0
0
50
60
70
80
0
Both Output Loaded
Load Current (mA)
input Voltage (V)
0 0.5  .5 2 2.5  .5  .5 5 5.5 6
20
0
60
80
00
20
0
0
-5
O
C
-5
O
C
25
O
C
55
O
C
O
C
25
85
O
C
50
60
70
80
0
00
0
-50
0
50
00
Temperature (oC)
0
50
00
50
200
250
0
50
00
50
Load Current (mA)
-5℃
-5℃
25℃
25℃
55℃
85℃
V
OUT =2.5V
00
.77
.78
.7
.80
.8
.82
-50
0
50
00
Temperature (oC)
V
OUT=.8V
0
50
00
50
200
250
00
50
.5
2
2.5

.5
Output Voltage (V)
Typical Performance Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com