Electronic Components Datasheet Search
  English  ▼

X  

SP6265 Datasheet(PDF) 9 Page - Sipex Corporation

Part # SP6265
Description  Dual Low-Dropout CMOS Voltage Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6265 Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SP6265 Datasheet HTML 5Page - Sipex Corporation SP6265 Datasheet HTML 6Page - Sipex Corporation SP6265 Datasheet HTML 7Page - Sipex Corporation SP6265 Datasheet HTML 8Page - Sipex Corporation SP6265 Datasheet HTML 9Page - Sipex Corporation SP6265 Datasheet HTML 10Page - Sipex Corporation SP6265 Datasheet HTML 11Page - Sipex Corporation SP6265 Datasheet HTML 12Page - Sipex Corporation SP6265 Datasheet HTML 13Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image

Mar2-07 Rev O
SP6265 Dual Low-Dropout CMOS Voltage Regulator
© 2007 Sipex Corporation
PSRR vs. Frequency
Channel-to-Channel isolation vs Frequency
Line Transient
Load Transient
Load Transient near Dropout
0
0
0
0
00
000
0000
000000
Frequency (Hz)
00000
20
0
50
60
Bypass
No-Bypass
V
IN=2.V
VOUT =.8V
ILOAD=50mA
Frequency (kHz)
0
00
0.0
0.

0
00

V
IN=5V
RLOAD=50Ω
50µs/DiV
10µs/DiV
V
IN=.V
ILOAD= 0 to 50mA
0
VIN=VOUT+0.V
10µs/ DiV
0
Output noise Spectral Density
0.

0

0
00
Frequency(kHz)
CBP=0.0µF
IOUT=,50,00,50mA
C
BP=0µF
IOUT=,50,00,50mA
Typical Performance Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com