Electronic Components Datasheet Search
  English  ▼

X  

SP6265 Datasheet(PDF) 12 Page - Sipex Corporation

Part # SP6265
Description  Dual Low-Dropout CMOS Voltage Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6265 Datasheet(HTML) 12 Page - Sipex Corporation

Back Button SP6265 Datasheet HTML 5Page - Sipex Corporation SP6265 Datasheet HTML 6Page - Sipex Corporation SP6265 Datasheet HTML 7Page - Sipex Corporation SP6265 Datasheet HTML 8Page - Sipex Corporation SP6265 Datasheet HTML 9Page - Sipex Corporation SP6265 Datasheet HTML 10Page - Sipex Corporation SP6265 Datasheet HTML 11Page - Sipex Corporation SP6265 Datasheet HTML 12Page - Sipex Corporation SP6265 Datasheet HTML 13Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
2
Mar2-07 Rev O
SP6265 Dual Low-Dropout CMOS Voltage Regulator
© 2007 Sipex Corporation
PACkAge: 8 Pin DFn
•
Package Dimensions
DFn-8 (3mmx3mmx0.6mm)
D
E
TOP VIEW
A
SIDE VIEW
G
F
b
L
D2
E2
e
BOTTOM VIEW
PIN 1 ID
H
Min
MAX
Min
MAX
A
0.550
0.650
0.022
0.026
D
2.00
.00
0.
0.22
e
2.00
.00
0.
0.22
F
e
D2
e2
b
0.200
0.00
0.007
0.02
L
0.50
0.550
0.08
0.022
g
0.00
0.00
0.000
0.00
H
0.000
0.050
0.000
0.002
SYMBOLS
MiLLiMeTeRS
inCHeS
0.550 TYP.
0.220 TYP.
2.00 TYP.
0.0 TYP.
0.650 TYP.
0.026 TYP.
.500 TYP.
0.05 TYP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com