Electronic Components Datasheet Search
  English  ▼

X  

SP6265 Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP6265
Description  Dual Low-Dropout CMOS Voltage Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6265 Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP6265 Datasheet HTML 5Page - Sipex Corporation SP6265 Datasheet HTML 6Page - Sipex Corporation SP6265 Datasheet HTML 7Page - Sipex Corporation SP6265 Datasheet HTML 8Page - Sipex Corporation SP6265 Datasheet HTML 9Page - Sipex Corporation SP6265 Datasheet HTML 10Page - Sipex Corporation SP6265 Datasheet HTML 11Page - Sipex Corporation SP6265 Datasheet HTML 12Page - Sipex Corporation SP6265 Datasheet HTML 13Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image

Mar2-07 Rev O
SP6265 Dual Low-Dropout CMOS Voltage Regulator
© 2007 Sipex Corporation
PACkAge: 6 Pin TSOT
•
Package Dimensions
TSOT-26
Min
MAX
Min
MAX
A+A1
0.0
.25
0.05 0.02
b
0.0
0.50
0.08 0.07
c
0.0
0.25
0.005 0.008
D
2.70
.0
0.06 0.220
e
.0
.80
0.055 0.070
e
H
2.0
.00
0.0 0.8
L
θ1
0o
0o
0o
0o
S1
0.5BSC
0.08BSC
0.5BSC
0.07BSC
.0 BSC
0.0780 BSC
SYMBOLS
MiLLiMeTeRS
inCHeS
Top View
Side View
Front View
θ1
S
D
e
b
c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com