Electronic Components Datasheet Search
  English  ▼

X  

SP6685 Datasheet(PDF) 8 Page - Sipex Corporation

Part # SP6685
Description  700mA Buck/Boost Charge Pump LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6685 Datasheet(HTML) 8 Page - Sipex Corporation

Back Button SP6685 Datasheet HTML 4Page - Sipex Corporation SP6685 Datasheet HTML 5Page - Sipex Corporation SP6685 Datasheet HTML 6Page - Sipex Corporation SP6685 Datasheet HTML 7Page - Sipex Corporation SP6685 Datasheet HTML 8Page - Sipex Corporation SP6685 Datasheet HTML 9Page - Sipex Corporation SP6685 Datasheet HTML 10Page - Sipex Corporation SP6685 Datasheet HTML 11Page - Sipex Corporation SP6685 Datasheet HTML 12Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
Date: 7/6/06 Rev B
SP6685, 700mA Buck/BoostCharge Pump LED Driver
© 2006 Sipex Corporation
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency Vs Supply Vol
40
50
60
70
80
90
100
3.0
3.2
3.4
3.6
3.8
4.0
4.2
Vin (V
Flash 600mA Vf=3.8
Torch 200mA Vf = 3
Output Current Vs Supply Vol
0
100
200
300
400
500
600
700
3.0
3.2
3.4
3.6
3.8
4.0
4.2
Vin (V
Flash 600mA
Vf=3.8V
Torch 200mA
Vf=3.2V
D1 = AOT 2015HPW-1915B LED, Rsense = 0.22ohms,
R
SET = 80.6K, CIN = 4.7μF, CFC = 1.0μF, COUT = 1.0μF
Figure 19.
Figure 20.
Figure 21.
Figure 22.
Figure 23.
Figure 24.
Efficiency Vs Supply Vol
40
50
60
70
80
90
100
3.0
3.2
3.4
3.6
3.8
4.0
4.2
Vin (V
Flash 500mA
Vf = 4.1V
Torch 150mA
Vf = 3.5V
Output Current Vs Supply Vol
0
100
200
300
400
500
600
700
3.0
3.2
3.4
3.6
3.8
4.0
4.2
Vin (V
Flash 500mA Vf = 4
Torch 150mA Vf = 3
Battery Current Vs Supply Vo
0
200
400
600
800
1000
1200
1400
3.0
3.2
3.4
3.6
3.8
4.0
4.2
Vin (V
Flash 500mA Vf = 4
Torch 150mA Vf = 3
DI = AOT 6060HPW0305BD LED, Rsense = 0.33ohms,
R
SET = 75K, CIN = 4.7μF, CFC = 1.0μF, COUT = 1.0μF
Battery Current
Vs Supply V
0
200
400
600
800
1000
1200
1400
3.0
3.2
3.4
3.6
3.8
4.0
4.2
Vin (V
Flash 600mA Vf=3.
Torch 200mA Vf=3.
Note: diode, resistor, and capacitor settings apply to
figures 19, 20, and 21.
Note: diode, resistor, and capacitor settings apply to
figures 22, 23, and 24.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com