Electronic Components Datasheet Search
  English  ▼

X  

SP6685 Datasheet(PDF) 12 Page - Sipex Corporation

Part # SP6685
Description  700mA Buck/Boost Charge Pump LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6685 Datasheet(HTML) 12 Page - Sipex Corporation

Back Button SP6685 Datasheet HTML 8Page - Sipex Corporation SP6685 Datasheet HTML 9Page - Sipex Corporation SP6685 Datasheet HTML 10Page - Sipex Corporation SP6685 Datasheet HTML 11Page - Sipex Corporation SP6685 Datasheet HTML 12Page - Sipex Corporation SP6685 Datasheet HTML 13Page - Sipex Corporation SP6685 Datasheet HTML 14Page - Sipex Corporation SP6685 Datasheet HTML 15Page - Sipex Corporation SP6685 Datasheet HTML 16Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
Date: 7/6/06 Rev B
SP6685, 700mA Buck/BoostCharge Pump LED Driver
© 2006 Sipex Corporation
When in Flash mode, (Flash = V
IN), the FB
regulation voltage is set by the resistor R
SET
connected between the R
SET pin and SGND
and the equation:
V
FB = (1.26V/ RSET)*11.2KΩ (Flash Mode)
Where 1.26V is the internal bandgap refer-
ence voltage and 11.2KΩ is an internal
resistance used to scale the R
SET current.
Typical values of R
SET are 40KΩ to 180KΩ
for a range of V
FB = 300mV to 75mV in Flash
mode.
The output current is then set in either Flash
or Torch mode by the equation:
I
OUT = VFB / RSENSE
THEORY OF OPERATION
______________
OVERTEMPERATURE
PROTECTION
When the temperature of the SP6685 rises
above 145 degrees Celsius, the over tem-
perature protection circuitry turns off the
output switches to prevent damage to the
device. If the temperature drops back down
below 135 degrees Celsius, the part auto-
matically recovers and executes a soft start
cycle.
___________________
OVERVOLTAGE
PROTECTION
The SP6685 has over voltage protection. If
the output voltage rises above the 5.5V
threshold, the over voltage protection shuts
off all of the output switches to prevent the
output voltage from rising further. When the
output decreases below 5.5V, the device
resumes normal operation.
___________________OVERCURRENT
PROTECTION
The over current protection circuitry moni-
tors the average current out of the V
OUT =
50mV (Torch Mode) pin. If the average
output current exceeds approximately
1Amp, then the over current protection cir-
cuitry shuts off the output switches to pro-
tect the chip.
_____________________COMPONENT
SELECTION
The SP6685 charge pump circuit requires 3
capacitors: 4.7μF input, 1μF output and 1μF
fly capacitor are typically recommended.
For the input capacitor, a larger value of
10μF will help reduce input voltage ripple for
applications sensitive to ripple on the battery
voltage. All the capacitors should be sur-
face mount ceramic for low lead inductance
necessary at the 2.4MHz switching frequency
of the SP6685 and to obtain low ESR, which
improves bypassing on the input and output
and improves output voltage drive by reduc-
ing output resistance. Ceramic capacitors
with X5R or X7R temperature grade are
recommended for most applications. A se-
lection of recommended capacitors is in-
cluded in Table 1 below.
Manufacturers
Website
Part Number
Capacitance/
Voltage
Capacitor
Size/Type/Thickness
ESR at
100KHz
TDK/www.tdk.com
C1005X5R0J105M
1uF/6.3V
0402/X5R/0.5mm
0.03
TDK/www.tdk.com
C1608X5R0J475K
4.7uF/6.3V
0603/X5R/0.9mm
0.02
TDK/www.tdk.com
C2012X5R0J106M
10uF/6.3V
0805/X5R/1.35mm
0.02
Murata/www.murata.com
GRM155R60J105KE19B
1uF/6.3V
0402/X5R/0.55mm
0.03
Murata/www.murata.com
GRM188R60J475KE19
4.7uF/6.3V
0603/X5R/0.9mm
0.02
Murata/www.murata.com
GRM21BR60J106KE19L
10uF/6.3V
0805/X5R/1.35mm
0.02
Table 1: Recommended Capacitors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com