Electronic Components Datasheet Search
  English  ▼

X  

SP6685 Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP6685
Description  700mA Buck/Boost Charge Pump LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6685 Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP6685 Datasheet HTML 2Page - Sipex Corporation SP6685 Datasheet HTML 3Page - Sipex Corporation SP6685 Datasheet HTML 4Page - Sipex Corporation SP6685 Datasheet HTML 5Page - Sipex Corporation SP6685 Datasheet HTML 6Page - Sipex Corporation SP6685 Datasheet HTML 7Page - Sipex Corporation SP6685 Datasheet HTML 8Page - Sipex Corporation SP6685 Datasheet HTML 9Page - Sipex Corporation SP6685 Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
Date: 7/6/06 Rev B
SP6685, 700mA Buck/BoostCharge Pump LED Driver
© 2006 Sipex Corporation
Figure 9. C
OUT = 4.7μF
Figure 10. C
OUT = 4.7μF
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 11. C
IN = 10μF
Figure 12. C
IN = 10μF
Flash 1X Input Ripple Vs Output
0
50
100
150
200
100
200
300
400
500
600
700
Output Current (m
Cin = 4.7uF
Cin = 10uF
Flash 1X Vout Ripple Vs Output C
0
50
100
150
200
200
300
400
500
600
700
Output Current (m
Cout = 1uF
Cout = 2.2uF
Cout = 4.7uF
Flash 2X Vout Ripple Vs Output C
0
50
100
150
200
200
300
400
500
600
700
Output Current (m
Cout = 1uF
Cout = 2.2uF
Cout = 4.7uF
VIN = 3.6V, Typical Application Circuit, D1 = Luxeon LXCL-PWF1, TA = 25°C unless otherwise noted.
Flash 2X Input Ripple Vs Output
0
20
40
60
80
100
100
200
300
400
500
600
700
Output Current (m
Cin = 4.7uF
Cin = 10uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com