Electronic Components Datasheet Search
  English  ▼

X  

SP6685 Datasheet(PDF) 9 Page - Sipex Corporation

Part # SP6685
Description  700mA Buck/Boost Charge Pump LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6685 Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SP6685 Datasheet HTML 5Page - Sipex Corporation SP6685 Datasheet HTML 6Page - Sipex Corporation SP6685 Datasheet HTML 7Page - Sipex Corporation SP6685 Datasheet HTML 8Page - Sipex Corporation SP6685 Datasheet HTML 9Page - Sipex Corporation SP6685 Datasheet HTML 10Page - Sipex Corporation SP6685 Datasheet HTML 11Page - Sipex Corporation SP6685 Datasheet HTML 12Page - Sipex Corporation SP6685 Datasheet HTML 13Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
Date: 7/6/06 Rev B
SP6685, 700mA Buck/BoostCharge Pump LED Driver
© 2006 Sipex Corporation
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 25. Startup 200mA Torch,
V
IN = 3.6V, VOUT = 3.2V
Figure 26. Startup 700mA Flash,
V
IN = 3.6V, VOUT = 3.6V
Ch1 = EN
Ch2 = V
OUT
Ch4 = lin
(0.5A/div)
Ch1 = EN
Ch2 = V
OUT
Ch4 = lin
(0.5A/div)
VIN = 3.6V, Typical Application Circuit, D1 = Luxeon LXCL-PWF1, TA = 25°C unless otherwise noted.
Figure 27. Torch in 1X to Flash in 1X Mode V
IN = 4.2V.
CH1 = FLASH, CH2 = V
OUT, CH3 = VFB, CH4 = IOUT 1A/div.
Figure 28. Torch in 1X to Flash in 2X Mode V
IN = 3.6V.
CH1 = FLASH, CH2 = V
OUT, CH3 = VFB, CH4 = IOUT 1A/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com