Electronic Components Datasheet Search
  English  ▼

X  

A5000 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # A5000
Description  EdgeLock Secure Authenticator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

A5000 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button A5000 Datasheet HTML 3Page - NXP Semiconductors A5000 Datasheet HTML 4Page - NXP Semiconductors A5000 Datasheet HTML 5Page - NXP Semiconductors A5000 Datasheet HTML 6Page - NXP Semiconductors A5000 Datasheet HTML 7Page - NXP Semiconductors A5000 Datasheet HTML 8Page - NXP Semiconductors A5000 Datasheet HTML 9Page - NXP Semiconductors A5000 Datasheet HTML 10Page - NXP Semiconductors A5000 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
NXP Semiconductors
A5000
EdgeLock Secure Authenticator
3.2.7 Credential Storage & Memory
Within A5000, all credentials and secure objects are stored inside a dynamic file structure. At creation, a user
has to associate a file identifier with the object created. This identifier is then used in subsequent operations to
access the object. The number of objects that can be allocated is only limited by the available memory in the
system. After usage, objects can be deleted and the associated memory is freed up again.
There is also the possibility to create transient objects. Transient objects have an object descriptor stored in
non-volatile memory, but the object content is stored in RAM. Together with the import/export functionality of
A5000, transient objects can be used securely store secret keys in a remote memory system.
When the creation of secure objects is interrupted by internal errors (e.g. insufficient space) or a tearing event,
the memory is not freed up automatically. The memory can be freed up using garbage collection. An example to
trigger garbage collection is included in the Plug & Trust Middleware (InvokeGarbageCollection) [5].
3.3 Startup behavior
If a supply voltage is applied to pins VIN, VCC within the specified supply voltage operating range the IC boots
up.
A5000
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.5 — 8 July 2024
Document feedback
667615
7 / 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com