Electronic Components Datasheet Search
  English  ▼

X  

A5000 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # A5000
Description  EdgeLock Secure Authenticator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

A5000 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button A5000 Datasheet HTML 5Page - NXP Semiconductors A5000 Datasheet HTML 6Page - NXP Semiconductors A5000 Datasheet HTML 7Page - NXP Semiconductors A5000 Datasheet HTML 8Page - NXP Semiconductors A5000 Datasheet HTML 9Page - NXP Semiconductors A5000 Datasheet HTML 10Page - NXP Semiconductors A5000 Datasheet HTML 11Page - NXP Semiconductors A5000 Datasheet HTML 12Page - NXP Semiconductors A5000 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
NXP Semiconductors
A5000
EdgeLock Secure Authenticator
Key name
Details and type
Certificate Erasable by
customer
Identifier
Common files
UUID
N/A
No
0x7FFF0206
Platform SCP
Default Value needed to perform
update of the key
N/A
No
N/A
Recovery SCP
Default Value needed to perform
recovery
N/A
No
N/A
ECKey session
Establish an ECC256 based EC
key session
N/A
No
0x7FFF0201
ECKey import
Used for ImportExternalObject
N/A
No
0x7FFF0202
Table 5. Common objects
Configuration
ENC
MAC
DEK
A5000
c9118500b5ffa1433a50226f489a0aa5
29d2fe28f7feeb153068be381f61bc01
6124d38402118060ed910360fc5a4278
Table 6. Default Platform SCP keys
4.3 NXP reserved keys and objects
Key name
Erasable by customer
Identifier
NXP reserved key 1
No
0x7FFF0204
NXP reserved key 2
No
0xF0000020
NXP reserved key 3
No
0xF0003394
Table 7. NXP reserved keys and objects
4.4 X.509 Certificate storage encoding
This paragraph provides details on the storage of X.509v3 Certificates in Binary Files on the Authentication
application.
The command ReadSize can be used to read the size of the complete binary file containing a certificate.
Name
Length [bytes]
Description
X.509 Certificate
variable
(length encoded in X.509)
DER encoded X.509v3 Certificate.
The length can be parsed from the first
TLV sequence which spans over the
complete certificate.
Zero padding
variable
(remaining bytes up to the complete
binary file size)
The file size of the binary file is constant
over all devices of a type, while the
specific device certificate can vary
in size per device (due to the ASN.1
encoding of numbers).
Table 8. Content of certificate binary file
A5000
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.5 — 8 July 2024
Document feedback
667615
9 / 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com