Electronic Components Datasheet Search
  English  ▼

X  

A5000 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # A5000
Description  EdgeLock Secure Authenticator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

A5000 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button A5000 Datasheet HTML 7Page - NXP Semiconductors A5000 Datasheet HTML 8Page - NXP Semiconductors A5000 Datasheet HTML 9Page - NXP Semiconductors A5000 Datasheet HTML 10Page - NXP Semiconductors A5000 Datasheet HTML 11Page - NXP Semiconductors A5000 Datasheet HTML 12Page - NXP Semiconductors A5000 Datasheet HTML 13Page - NXP Semiconductors A5000 Datasheet HTML 14Page - NXP Semiconductors A5000 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
NXP Semiconductors
A5000
EdgeLock Secure Authenticator
6 Power-saving modes
The device can provide two power-saving operation modes:
1. Power-down mode (with state retention).
By default this mode is globally disabled. It can be enabled in custom part configuration. Please contact
your sales representative about this.
2. Deep Power-down mode (no state retention).
Availability requires VCC pin to be supplied like described in Section 6.2.
6.1 Power-down mode
The Power-down mode has the following properties:
• All internal clocks are frozen
• CPU enters power-saving mode with program execution being stopped
• CPU registers keep their contents
• RAM keeps its contents
Power-down mode is entered via the command; "End of APDU session request" (according to [1]) respectively
"RELEASE request" (according to GP T=1oI2C [4]). In Power-down mode, all internal clocks are frozen. The
IOs hold the logical states they had at the time Power-down mode was activated.
To exit from the Power-down mode an external interrupt edge must be triggered by a falling edge on I2C_SDA2.
6.2 Deep Power-down mode
The Deep Power-down mode enables maximum power saving. This mode is activated by pulling enable PIN
(ENA) to a logic zero level.
While in Deep Power-down mode the internal power and VOUT is switched off completely and only the I2C pads
stay supplied.
To leave the Deep Power-down mode pad ENA has to be pulled up to to a logic „1" level.
For usage of Deep Power-down mode the A5000 must be supplied via pin Vin, and pin VCC needs to be
supplied by pin Vout, as described in [6].
7 Ordering information
12NC
Type number
A5000 Variant
Orderable part number
935426225472
A5000R2HQ1/Z016U
A5000
A5000R2HQ1/Z016UZ
935424319598
OM-A5000ARD
A5000 Arduino Board
OM-A5000ARD
Table 9. Ordering information
2
In case ISO7816 is enabled a reset signal on RST_N exits the Power-down mode. After wake-up from Power-down mode via RST_N
the device is in idle mode (see Table 17)
A5000
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.5 — 8 July 2024
Document feedback
667615
11 / 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com