Electronic Components Datasheet Search
  English  ▼

X  

SPX2941 Datasheet(PDF) 7 Page - Sipex Corporation

Part # SPX2941
Description  1A Low Dropout Voltage Regulator Adjustable Output, Fast Response
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2941 Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SPX2941 Datasheet HTML 2Page - Sipex Corporation SPX2941 Datasheet HTML 3Page - Sipex Corporation SPX2941 Datasheet HTML 4Page - Sipex Corporation SPX2941 Datasheet HTML 5Page - Sipex Corporation SPX2941 Datasheet HTML 6Page - Sipex Corporation SPX2941 Datasheet HTML 7Page - Sipex Corporation SPX2941 Datasheet HTML 8Page - Sipex Corporation SPX2941 Datasheet HTML 9Page - Sipex Corporation SPX2941 Datasheet HTML 10Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image

Date: Sept 28-06 Rev E
SPX294 A Low Dropout Linear Regulator
© 2006 Sipex Corporation
The SPX294 incorporates protec-
tion against over-current faults, re-
versed load insertion, over temper-
ature operation, and positive and
negative transient voltage.
Thermal Considerations
Although the SPX294 offers limit-
ing circuitry for overload conditions,
it is still necessary to insure that
the maximum junction temperature
is not exceeded in the application.
Heat will flow through the lowest re-
sistance path, the junction-to-case
path. The tab of the device is elec-
trically connected to GND. In order
to insure the best thermal flow of
the component, proper mounting is
required. Consult heatsink manu-
facturer for thermal resistance and
design of heatsink.
Power dissipation is calculated as fol-
lows:
PD = (VIN -VOUT)•(IOUT)
Maximum Junction Temperature range:
TJ = TA(max) + PD• θJA (thermal resis-
tance, junction-to-ambient)
Maximum junction temperature must
not exceed 2°C.
Capacitor Requirements
The output capacitor is needed to
insure stability and minimize the
output noise. The value of the ca-
pacitor varies with the load. How-
ever, a minimum value of 10μF
aluminum capacitor will guarantee
stability over all load conditions. A
tantalum capacitor is recommended
if a faster load transient response is
needed. If the power source has a
high AC impedance, a 0.1μF ce-
ramic capacitor between input &
ground is recommended.
Minimum Load Current
To ensure a proper behavior of the
regulator under light load, a mini-
mum load of mA for SPX294 is
required.
Typical Application Circuit
Figure 19 shows a typical applica-
tions circuit for an adjustable output
regulator. The values of R and R2
set the output voltage value as fol-
lows:
VOUT = VREF • [ + (R/R2)].
A minimum value of 10kΩ is rec-
ommended for R2 with a range be-
tween 10kΩ to 47kΩ.
APPLICATION INFORMATION
SPX2941
VOUT
V
IN
GND
ADJ
4
2
3
5
1
R1
R2
10µF
6.8µF +
+
EN
Figure 19. Adjustable Output
Linear Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com