Electronic Components Datasheet Search
  English  ▼

X  

SPX2941 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SPX2941
Description  1A Low Dropout Voltage Regulator Adjustable Output, Fast Response
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2941 Datasheet(HTML) 1 Page - Sipex Corporation

  SPX2941 Datasheet HTML 1Page - Sipex Corporation SPX2941 Datasheet HTML 2Page - Sipex Corporation SPX2941 Datasheet HTML 3Page - Sipex Corporation SPX2941 Datasheet HTML 4Page - Sipex Corporation SPX2941 Datasheet HTML 5Page - Sipex Corporation SPX2941 Datasheet HTML 6Page - Sipex Corporation SPX2941 Datasheet HTML 7Page - Sipex Corporation SPX2941 Datasheet HTML 8Page - Sipex Corporation SPX2941 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image

Date: Sept 28-06 Rev E
SPX294 A Low Dropout Linear Regulator
© 2006 Sipex Corporation
SPX2941
Solved by
TM
1A Low Dropout Voltage Regulator
DESCRIPTION
FEATURES
■
Adjustable Output Down To 1.25V
■
Low Quiescent Current
■
Guaranteed 1.5A Peak Output Current
■
Low Dropout Voltage of 280mV @ 1A
■
Extremely Tight Load and Line
Regulation
■
Extremely Fast Transient Response
■
Reverse-battery Protection
■
Internal Thermal and Current Limit
Protection
■
Zero Current Shutdown
■
Standard TO-220 and TO-263
packages
Figure 1. Adjustable Output Linear Regulator
The SPX2941 is a 1A, accurate voltage regulator with a low drop out voltage of 280mV(typ.) at
1A. These regulators are specifically designed for low voltage applications that require a low
dropout voltage and a fast transient response. They are fully fault protected against over-current,
reverse battery, and positive and negative voltage transients. The SPX2941 is offered in 5-pin
TO-220 & TO-263 packages. For a 3A version, refer to the SPX29300 data sheet.
SPX2941
V
OUT
V
IN
GND
ADJ
4
2
3
5
1
R1
R2
10 F
6.8 F
+
+
EN
TYPICAL APPLICATIONS CIRCUIT
Now Available in Lead Free Packaging
APPLICATIONS
■
Powering VGA & Sound Card
■
LCD Monitors
■
USB Power Supply
■
Power PC Supplies
■
SMPS Post-Regulator
■
High Efficiency Linear Power Supplies
■
Battery Charger
■
Portable Instrumentation
■
Constant Current Regulators
■
Adjustable Power Supplies
1 2 3 4 5
SPX2941
5 Pin TO-263
Adjustable Output, Fast Response


Similar Part No. - SPX2941

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2941 SIPEX-SPX2941 Datasheet
154Kb / 7P
1A Low Dropout Voltage Regulators
SPX2941 SIPEX-SPX2941 Datasheet
103Kb / 10P
1A Low Dropout Voltage Regulator, Adjustable Output, Fast Response
SPX2941T5 SIPEX-SPX2941T5 Datasheet
154Kb / 7P
1A Low Dropout Voltage Regulators
SPX2941T5 SIPEX-SPX2941T5 Datasheet
103Kb / 10P
1A Low Dropout Voltage Regulator, Adjustable Output, Fast Response
SPX2941T5-L SIPEX-SPX2941T5-L Datasheet
921Kb / 10P
1A Low Dropout Voltage Regulator Adjustable Output, Fast Response
More results

Similar Description - SPX2941

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
AS2850 SIPEX-AS2850 Datasheet
159Kb / 6P
5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX2810 SIPEX-SPX2810 Datasheet
191Kb / 9P
1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX2940 SIPEX-SPX2940 Datasheet
103Kb / 9P
1A Low Dropout Voltage Regulator Fixed Output, Fast Response
SPX2941 SIPEX-SPX2941 Datasheet
103Kb / 10P
1A Low Dropout Voltage Regulator, Adjustable Output, Fast Response
SPX1587 SIPEX-SPX1587 Datasheet
187Kb / 7P
3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
AS2830 SIPEX-AS2830 Datasheet
149Kb / 6P
3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX3940 SIPEX-SPX3940 Datasheet
215Kb / 11P
1A Low Dropout Voltage Regulator Fixed Output, Fast Response
logo
Aimtron Technology
AT1117 AIMTRON-AT1117 Datasheet
268Kb / 10P
1A Low Dropout Fast Response Positive Adjustable Regulator
logo
Sipex Corporation
SPX2941T5-L SIPEX-SPX2941T5-L Datasheet
921Kb / 10P
1A Low Dropout Voltage Regulator Adjustable Output, Fast Response
AS2810 SIPEX-AS2810 Datasheet
150Kb / 7P
1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com