Electronic Components Datasheet Search
  English  ▼

X  

SPX2941 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SPX2941
Description  1A Low Dropout Voltage Regulator Adjustable Output, Fast Response
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2941 Datasheet(HTML) 3 Page - Sipex Corporation

  SPX2941 Datasheet HTML 1Page - Sipex Corporation SPX2941 Datasheet HTML 2Page - Sipex Corporation SPX2941 Datasheet HTML 3Page - Sipex Corporation SPX2941 Datasheet HTML 4Page - Sipex Corporation SPX2941 Datasheet HTML 5Page - Sipex Corporation SPX2941 Datasheet HTML 6Page - Sipex Corporation SPX2941 Datasheet HTML 7Page - Sipex Corporation SPX2941 Datasheet HTML 8Page - Sipex Corporation SPX2941 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image

Date: Sept 28-06 Rev E
SPX294 A Low Dropout Linear Regulator
© 2006 Sipex Corporation
Reference
Thermal
Shutdown
EN
IN
OUT
ADJ
GND
O.V
I
LIMIT
28V
R1*
R2*
1.240V +
-
PART NUMBER .................... ACCURACY ... OUTPUT VOLTAGE ...................... PACKAGE
SPX2941T5 ............................ 3% ........................ Adj ............................. 5 lead TO-263
SPX2941T5/TR ...................... 3% ........................ Adj ............................. 5 lead TO-263
SPX2941U5 ........................... 3% ........................ Adj ............................. 5 lead TO-220
PACKAGE PINOUTS
ORDERING INFORMATION
TO-263-5 Package (T5)
Top View
4 5
3
2
1
TO-220-5 Package (U5)
Top View
1 2 3 4 5
VIN
GND
VOUT
1)
3)
4)
5)
2) Enable
ADJUST
SPX2941
Available in lead free packaging.To order add "-L" suffix to part number.
Example: SPX2941T5/TR = standard; SPX2941T5-L/TR = lead free
/TR = Tape and Reel
Pack quantity is 500 for TO-263-5.
Note: Tab is internally connected to GND
BLOCK DIAGRAM
Figure 2. SPX2941 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com