Electronic Components Datasheet Search
  English  ▼

X  

SPX2941 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SPX2941
Description  1A Low Dropout Voltage Regulator Adjustable Output, Fast Response
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2941 Datasheet(HTML) 4 Page - Sipex Corporation

  SPX2941 Datasheet HTML 1Page - Sipex Corporation SPX2941 Datasheet HTML 2Page - Sipex Corporation SPX2941 Datasheet HTML 3Page - Sipex Corporation SPX2941 Datasheet HTML 4Page - Sipex Corporation SPX2941 Datasheet HTML 5Page - Sipex Corporation SPX2941 Datasheet HTML 6Page - Sipex Corporation SPX2941 Datasheet HTML 7Page - Sipex Corporation SPX2941 Datasheet HTML 8Page - Sipex Corporation SPX2941 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Date: Sept 28-06 Rev E
SPX294 A Low Dropout Linear Regulator
© 2006 Sipex Corporation
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 3. Line Regulation for 3.3V Device
Figure 4. Load Regulation for 3.3V Device
Figure 7. Ground Current vs Load Current in Dropout
Figure 8. Dropout Voltage vs Load Current for 3.3V
Device
Figure 5. Ground Current vs Load Current for 3.3V Device Figure 6. Ground Current vs Input Current
3.320
3.315
3.310
3.305
3.300
3.295
3.290
3.285
3.280
4
6
8
10
12
14
16
VIN(V)
3.3V Device
IL = 10mA
CL = 10 F
3.310
3.305
3.300
3.295
3.290
3.285
3.280
IL (A)
0.00
0.25
0.50
0.75
1.00
1.25
1.50
3.3V Device
VIN= 4.3V
CL = 10 F
80.0
70.0
60.0
50.0
40.0
30.0
20.0
10.0
0.0
IL (A)
0.00
0.25
0.50
0.75
1.00
1.25
1.50
3.3V Device
VIN= 4.3V
CL = 10 F
300
280
260
240
220
200
180
4
6
8
10
12
14
16
VIN(V)
3.3V Device
IL = 10mA
CL = 10 F
100
90
80
70
60
50
40
30
20
10
0
IL (A)
0.00
0.25
0.50
0.75
1.00
1.25
1.50
3.3V Device
VIN= 3.2V
CL = 10 F
600
500
400
300
200
100
0
IL (A)
0.00
0.25
0.50
0.75
1.00
1.25
1.50
3.3V Device
CL = 10 F



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com