Electronic Components Datasheet Search
  English  ▼

X  

B41856 Datasheet(PDF) 1 Page - EPCOS

Part # B41856
Description  Single-Ended Capacitors Low Impedance
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41856 Datasheet(HTML) 1 Page - EPCOS

  B41856 Datasheet HTML 1Page - EPCOS B41856 Datasheet HTML 2Page - EPCOS B41856 Datasheet HTML 3Page - EPCOS B41856 Datasheet HTML 4Page - EPCOS B41856 Datasheet HTML 5Page - EPCOS B41856 Datasheet HTML 6Page - EPCOS B41856 Datasheet HTML 7Page - EPCOS B41856 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
415 10/02
Long-life grade capacitors
for professional applications
Applications
I For use in output circuits of switch-mode
power supplies of compact design
I For professional industrial electronics,
telecommunications and data processing equipment
Features
I Low equivalent series resistance ESR
I Low impedance
I High ripple current capability
Construction
I Radial leads
I Charge-discharge proof, polar
I Aluminum case with insulating sleeve
I Minus pole marking on insulating sleeve
I Case with safety vent
I Stand off rubber seal
Delivery mode
Special terminal configurations and packing:
I Bulk
I Taped, Ammo pack
I Cut
I Kinked
I PAPR (protection against polarity reversal)
Refer to page 503 for further details and ordering example.
KAL0707-F
B41856
Single-Ended Capacitors
Low Impedance – 105 °C
B41856


Similar Part No. - B41856

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B41856 TDK-B41856 Datasheet
507Kb / 26P
Aluminum electrolytic capacitors Single-ended capacitors
B41856C4108M TDK-B41856C4108M Datasheet
513Kb / 26P
Aluminum electrolytic capacitors
B41856C4108M000 TDK-B41856C4108M000 Datasheet
49Kb / 2P
Single Ended (Radial) Capacitors
B41856C4108M001 TDK-B41856C4108M001 Datasheet
49Kb / 2P
Single Ended (Radial) Capacitors
B41856C4108M002 TDK-B41856C4108M002 Datasheet
49Kb / 2P
Single Ended (Radial) Capacitors
More results

Similar Description - B41856

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41821 EPCOS-B41821 Datasheet
784Kb / 36P
Single-ended capacitors
B41858 EPCOS-B41858 Datasheet
722Kb / 30P
Single-ended capacitors
B41820 EPCOS-B41820 Datasheet
93Kb / 6P
Single-Ended Capacitors Low Profile
B41825 EPCOS-B41825 Datasheet
98Kb / 7P
Single-Ended Capacitors Low Leakage Current
B41852 EPCOS-B41852 Datasheet
90Kb / 6P
Single-Ended GP Capacitors Low Profile
B41859 EPCOS-B41859 Datasheet
93Kb / 7P
Single-Ended Capacitors Very Low Impedance
B41886 EPCOS-B41886 Datasheet
87Kb / 6P
Single-Ended Capacitors Lowest Impedance
B42822 EPCOS-B42822 Datasheet
105Kb / 9P
Single-Ended Capacitors
B41889 EPCOS-B41889_08 Datasheet
537Kb / 25P
Single-ended capacitors
logo
TDK Electronics
B41896 TDK-B41896_15 Datasheet
499Kb / 28P
Single-ended capacitors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com