Electronic Components Datasheet Search
  English  ▼

X  

B41856 Datasheet(PDF) 4 Page - EPCOS

Part # B41856
Description  Single-Ended Capacitors Low Impedance
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41856 Datasheet(HTML) 4 Page - EPCOS

  B41856 Datasheet HTML 1Page - EPCOS B41856 Datasheet HTML 2Page - EPCOS B41856 Datasheet HTML 3Page - EPCOS B41856 Datasheet HTML 4Page - EPCOS B41856 Datasheet HTML 5Page - EPCOS B41856 Datasheet HTML 6Page - EPCOS B41856 Datasheet HTML 7Page - EPCOS B41856 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
418 10/02
B41856
Low Impedance – 105 °C
Overview of available types
Other capacitance and voltage ratings are available upon request.
UR (VDC) 6,3
1016
2535
5063100
CR (µF)
Case dimensions
d
× l (mm)
22
10
×12,5
33
10
×16
47
10
×12,5 10 ×20
100
8
×11
10
×12,5 10 ×20
12,5
×25
220
8
×11
10
×12,5 10×12,5 10 ×16
12,5
×25
16
×31,5
330
8
×11
10
×12,5 10×16
10
×20
12,5
×25
18
×31,5
470
10
×12,5 10×16
10
×20
12,5
×25
16
×25
18
×35
1 000
10
×16
10
×20
12,5
×25
16
×20
16
×25
18
×35
1 500
10
×20
2 200
12,5
×25
16
×20
16
×25
16
×31,5 18 ×40
3 300
16
×20
16
×25
16
×31,5 18×35
4 700
16
×25
16
×31,5 18 ×35



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com