Electronic Components Datasheet Search
  English  ▼

X  

B41856 Datasheet(PDF) 6 Page - EPCOS

Part # B41856
Description  Single-Ended Capacitors Low Impedance
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41856 Datasheet(HTML) 6 Page - EPCOS

  B41856 Datasheet HTML 1Page - EPCOS B41856 Datasheet HTML 2Page - EPCOS B41856 Datasheet HTML 3Page - EPCOS B41856 Datasheet HTML 4Page - EPCOS B41856 Datasheet HTML 5Page - EPCOS B41856 Datasheet HTML 6Page - EPCOS B41856 Datasheet HTML 7Page - EPCOS B41856 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
420 10/02
B41856
Low Impedance – 105 °C
50
100
10
× 12,5
150
0,10
1,66
0,400
270
B41856A6107M00*
220
10
× 16
330
0,10
0,75
0,220
500
B41856A6227M00*
330
10
× 20
495
0,10
0,50
0,180
640
B41856A6337M00*
470
12,5
× 25
705
0,10
0,35
0,160
800
B41856A6477M00*
1 000
16
× 25
1 500
0,10
0,17
0,060
1 200
B41856A6108M00*
2 200
18
× 35
3 300
0,12
0,09
0,042
1 700
B41856A6228M00*
63
47
10
× 12,5
89
0,08
2,82
0,70
280
B41856A8476M00*
100
10
× 20
189
0,08
1,33
0,40
500
B41856A8107M00*
220
12,5
× 25
416
0,08
0,60
0,23
850
B41856A8227M00*
330
12,5
× 25
624
0,08
0,40
0,20
890
B41856A8337M00*
470
16
× 25
888
0,08
0,28
0,10
1 400
B41856A8477M00*
1 000
18
× 35
1 890
0,08
0,13
0,070
1 900
B41856A8108M00*
100
22
10
× 12,5
66
0,07
5,28
0,70
280
B41856A9226M00*
33
10
× 16
99
0,07
3,52
0,42
480
B41856A9336M00*
47
10
× 20
141
0,07
2,47
0,35
550
B41856A9476M00*
100
12,5
× 25
300
0,07
1,16
0,18
850
B41856A9107M00*
220
16
× 31,5
660
0,07
0,53
0,13
1 400
B41856A9227M00*
330
18
× 31,5
990
0,07
0,35
0,085
1 700
B41856A9337M00*
470
18
× 35
1 410
0,07
0,25
0,062
2 000
B41856A9477M00*
Technical data and ordering codes
UR
VDC
CR
120 Hz
20 °C
µF
Case
dimensions
d
× l
mm
IL, max
5 min
20 °C
µA
tan
δ
max
120 Hz
20
°C
ESRmax
120 Hz
20
°C
Ω
Zmax
100 kHz
20
°C
Ω
I~R
100 kHz
105
°C
mA
Ordering code1)
Preferred types
1) * = “0” for bulk version.
For taping versions, other lead configurations and packing information see page 503.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com