Electronic Components Datasheet Search
  English  ▼

X  

B41856 Datasheet(PDF) 3 Page - EPCOS

Part # B41856
Description  Single-Ended Capacitors Low Impedance
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41856 Datasheet(HTML) 3 Page - EPCOS

  B41856 Datasheet HTML 1Page - EPCOS B41856 Datasheet HTML 2Page - EPCOS B41856 Datasheet HTML 3Page - EPCOS B41856 Datasheet HTML 4Page - EPCOS B41856 Datasheet HTML 5Page - EPCOS B41856 Datasheet HTML 6Page - EPCOS B41856 Datasheet HTML 7Page - EPCOS B41856 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
417 10/02
B41856
Low Impedance – 105 °C
Dimensional drawings
Dimensions and weights
Dimensions (mm)
Approx. weight
g
d
× ld
max × lmax
a ± 0,5
b
8
× 11
8,5
× 12
3,5
0,60 ± 0,05
1,0
10
× 12,5
10,5
× 13,5
5,0
0,60 ± 0,05
1,6
10
× 16
10,5
× 17
5,0
0,60 ± 0,05
1,9
10
× 20
10,5
× 22
5,0
0,60 ± 0,05
2,6
12,5
× 25
13
× 27
5,0
0,60 ± 0,05
4,5
16
× 20
16,5
× 22
7,5
0,80 ± 0,05
5,5
16
× 25
16,5
× 27
7,5
0,80 ± 0,05
7,5
16
× 31,5
16,5
× 33,5
7,5
0,80 ± 0,05
7,8
18
× 31,5
18,5
× 32,5
7,5
0,80 ± 0,1
11
18
× 35
18,5
× 36
7,5
0,80 ± 0,1
13
18
× 40
18,5
× 41
7,5
0,80 ± 0,1
16
KAL0811-E-E
d
d max.
Safety vent
15 min.
max.
5 min.
Minus pole
marking
+
-
Stand-off rubber seal



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com