Electronic Components Datasheet Search
  English  ▼

X  

SAA7380GP Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SAA7380GP
Description  Error correction and host interface IC for CD-ROM ELM
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7380GP Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SAA7380GP Datasheet HTML 6Page - NXP Semiconductors SAA7380GP Datasheet HTML 7Page - NXP Semiconductors SAA7380GP Datasheet HTML 8Page - NXP Semiconductors SAA7380GP Datasheet HTML 9Page - NXP Semiconductors SAA7380GP Datasheet HTML 10Page - NXP Semiconductors SAA7380GP Datasheet HTML 11Page - NXP Semiconductors SAA7380GP Datasheet HTML 12Page - NXP Semiconductors SAA7380GP Datasheet HTML 13Page - NXP Semiconductors SAA7380GP Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
1996 Apr 25
10
Philips Semiconductors
Preliminary specification
Error correction and host interface IC for
CD-ROM (ELM)
SAA7380
7
FUNCTIONAL DESCRIPTION
The SAA7380 is comprised of four main blocks; a CD
player interface, an error corrector, a host interface and a
memory manager. These four blocks operate in parallel.
All receive and send data to the buffer memory via the
memory manager. A 36-kbit on-chip SRAM has been
incorporated to allow high-speed data read operations for
the error corrector.
The SAA7380 performs simultaneous data input buffering,
error correction and host data transfer.
7.1
CD-DSP interface and data input
The input data is synchronized, decoded, and written to
the buffer RAM. The input data format is software
programmable.
The synchronization is achieved using a sync detector and
a sync interpolator. The sync detector detects the sync
pattern in every sector while the interpolator avoids sync
loss when no sync is found. The detector and interpolator
can be individually enabled and disabled under software
control.
After decoding, each full sector of data (2352 bytes)
comprising sync, header, sub-header and parity fields is
written to the buffer RAM.
7.2
Error correction and EDC check
Error correction and detection is performed on each sector
after it is written to the buffer RAM.
The SAA7380 buffers flag and data of sectors to be
corrected in a 9-bit, 4096 words on-chip RAM memory.
For erasure correction, no external 9-bit memory is
required.
The standard error correction algorithm can be
programmed, and supports Mode 1 and Mode 2, Form 1
and Form 2 discs.
After error correction, an electronic data check is
executed.
When this EDC check is also complete, the sector header
and sub-header is written to 8 header registers, and a
decode complete interrupt is generated.
The microcontroller can then read the decoder status, the
sector header and sub-header and the sector start
address from the SAA7380.
7.3
Host interface
The host interface controls data transfers between the
SAA7380 and an external microcontroller. The host
interface can be programmed to operate in three modes.
In the Sanyo compatibility mode the host interface is
functionally compatible with the Sanyo LC89510 block
decoder. In the Oak compatibility mode the host interface
is functionally compatible with the Oak OTI-012 controller
chip in enhanced mode.
In the ATAPI mode the interface meets the ATA Program
Interface specification.
7.4
Subcode channel Q-to-W buffering
As well as buffering the main data, the SAA7380 can also
be used to buffer R-to-W subcode data in buffer memory.
Two buffer modes exist, raw mode and cooked mode. In
the raw mode, data is written to an external RAM without
any processing being performed. In the cooked mode, the
Q-channel data is extracted, the Q-channel CRC is
calculated, the R-to-W data is de-interleaved and the
residues of each R-to-W frame are calculated. These
residues make it easier to correct errors in the data.
7.5
External buffer memory
It is possible to use the SAA7380 with different external
RAM memories. From 0 to 128 kbyte SRAMs or to 16-Mbit
DRAMs are possible. Memories may be nibble or byte
wide (allowing 2, 8 or 16 Mbits). Selection is performed
under software control.
Unique to the SAA7380 is its ability to work with partly
defective DRAMs. The SAA7380 offers the possibility to
use a DRAM with bytes in error.
A RAM test is executed under microcontroller control. This
RAM test indicates defective segments to the
microcontroller which keeps a list of which bad sectors to
avoid. The list can be stored in the buffer memory and/or
the microcontrollers own memory.
7.6
Sub-CPU registers
This section describes the registers in the SAA7380. The
operation of the registers varies depending on whether
they are being read from or written to, and the host mode
selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com