Electronic Components Datasheet Search
  English  ▼

X  

SAA7380GP Datasheet(PDF) 28 Page - NXP Semiconductors

Part # SAA7380GP
Description  Error correction and host interface IC for CD-ROM ELM
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7380GP Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button SAA7380GP Datasheet HTML 24Page - NXP Semiconductors SAA7380GP Datasheet HTML 25Page - NXP Semiconductors SAA7380GP Datasheet HTML 26Page - NXP Semiconductors SAA7380GP Datasheet HTML 27Page - NXP Semiconductors SAA7380GP Datasheet HTML 28Page - NXP Semiconductors SAA7380GP Datasheet HTML 29Page - NXP Semiconductors SAA7380GP Datasheet HTML 30Page - NXP Semiconductors SAA7380GP Datasheet HTML 31Page - NXP Semiconductors SAA7380GP Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 60 page
background image
1996 Apr 25
28
Philips Semiconductors
Preliminary specification
Error correction and host interface IC for
CD-ROM (ELM)
SAA7380
7.9.2.3
HCON
Table 28 HCON register bits
Note
1. Where X = don’t care.
This is the host configuration register. Resetting SAA7380 clears this register.
BIT 7(1)
BIT 6(1)
BIT 5(1)
BIT 4(1)
BIT 3
BIT 2
BIT 1
BIT 0
X
X
X
X
DTS
SDRQ
LOHI
DMA16
Bit DTS is the suspend transfer bit. Setting this bit HIGH
suspends non-DMA transfers and allows the host to
access the COMIN and SBOUT registers. During DMA
transfers this bit has no effect.
If SDRQ is LOW and the SELRQ pin is LOW then DMA
transfer is selected otherwise non-DMA transfer is
selected.
The pseudo 16-bit DMA read transfer is selected by setting
bit DMA16 HIGH. DMA transfer must also be selected for
this mode to operate. host writes are always 8-bit and are
not affected by this bit.
The LOHI bit when HIGH causes the pseudo 16-bit DMA
transfer to be a LOW byte followed by a HIGH byte. Setting
it LOW causes the sequence to be a HIGH byte followed
by a LOW byte. If the 16-bit DMA mode is not selected
then this bit has no effect.
7.9.3
ATAPI MODE
The following registers are accessible by the ATAPI host.
Most of these registers are identical to the sub-CPU
registers with the same name.
Table 29 ATAPI registers
ADDRESS
WRITE HWR
READ HRD
WIDTH
CS2
CS1
DA2
DA1
DA0
10000
DATA
DATA
16
10001
AFEAT
AERR
8
10010
AINTR
AINTR
8
10011
ASAMT
ASAMT
8
10100
DBCL
DBCL
8
10101
DBCH
DBCH
8
10110
ADRSEL
ADRSEL
8
10111
ACMD
ASTAT
8
01110
ADCTR
Alt Status
8
01111
reserved
ADRADR
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com