| Electronic Components Datasheet Search |
|
SAA7380GP Datasheet(PDF) 19 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SAA7380GP Datasheet(HTML) 19 Page - NXP Semiconductors |
|
19 / 60 page ![]() 1996 Apr 25 19 Philips Semiconductors Preliminary specification Error correction and host interface IC for CD-ROM (ELM) SAA7380 7.7.16 STAT2 The bits MODE and FORM in this register indicate the mode, form and correction scheme of the current frame. Table 11 STAT2 register bits Table 12 MODE and FORM bits BIT 7 BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 BIT 0 RMOD3 RMOD2 RMOD1 RMOD0 MODE FORM RFORM1 RFORM2 MODE FORM SETTING 0 0 Mode 1 1 0 Mode 2, Form 1 X 1 Mode 2, Form 2 or ECC correction impossible The Mode bit is always copied from the CTRL1 register. The Form information is determined by the AUTORQ bit in the CTRL0 register. When this bit is set to logic 0, the Form information is copied from the CTRL1 register. When this bit is set to logic 1 the Form information is copied from the mode header byte. If correction of the block was impossible, FORM will be set to logic 1 regardless of the requested correction. This will happen under the following circumstances: • An illegally synchronized block (ILSYNC = 1 or LBLK = 1) • A data block specified as Mode 2, Form 2, or detected as Mode 2, Form 2 • A Mode 2 submode byte error detected during processing • A mode mismatch detected by the mode check function (MCHQRQ = 1) • A mode byte error detected by the mode check function (MCHQRQ = 1). The RFORM2, RFORM1 bits contain a preview of the form bit for the next frame Table 13 RFORM2 and RFORM1 bits The RMOD3, RMOD2, RMOD1 and RMOD0 bits contain a preview of the next block MODE byte. RMOD3 = bit7 # bit6 # bit5 # bit4 # bit3 # C2FLAG RMOD2 = bit2 # C2FLAG RMOD1 = bit1 # C2FLAG RMOD0 = bit0 # C2FLAG RFORM1 RFORM2 MEANING 0 0 Form 0 0 1 Form 1 1 X error in form byte |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |