Electronic Components Datasheet Search
  English  ▼

X  

SAA7380GP Datasheet(PDF) 29 Page - NXP Semiconductors

Part # SAA7380GP
Description  Error correction and host interface IC for CD-ROM ELM
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7380GP Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button SAA7380GP Datasheet HTML 25Page - NXP Semiconductors SAA7380GP Datasheet HTML 26Page - NXP Semiconductors SAA7380GP Datasheet HTML 27Page - NXP Semiconductors SAA7380GP Datasheet HTML 28Page - NXP Semiconductors SAA7380GP Datasheet HTML 29Page - NXP Semiconductors SAA7380GP Datasheet HTML 30Page - NXP Semiconductors SAA7380GP Datasheet HTML 31Page - NXP Semiconductors SAA7380GP Datasheet HTML 32Page - NXP Semiconductors SAA7380GP Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 60 page
background image
1996 Apr 25
29
Philips Semiconductors
Preliminary specification
Error correction and host interface IC for
CD-ROM (ELM)
SAA7380
Table 30 Description of registers
Table 31 ADRSEL register bits
Table 32 ADCTR register bits
Setting the SRST bit HIGH causes a SRSTI interrupt and the BSY bit to be set.
Bit nIEN is used to enable or disable the host interrupt. When nIEN is logic 0 and the drive is selected then the host
interrupt pin will be enabled. If nIEN is logic 1 or the drive is not selected then the host interrupt pin will be in a
high-impedance state.
REGISTER
DESCRIPTION
DATA
This is a 16-bit register and is used for transferring data to and from the host. This should only be
performed after the Sub-CPU has initiated the data transfer.
AFEAT
This is the ATAPI Features register.
AERR
This is the ATAPI Error register.
AINTR
This is the ATAPI Interrupt Reason register.
ASAMT
This is the ATAPI Sector Count register.
DBCL and
DBCH
These are the ATAPI Byte Count registers.
ADRSEL
This is the ATAPI Drive Select register (see Table 31). Bit 4 of this register is the DRV bit. When this bit
is the same as the RDRV bit in the DTCTR register then SAA7380 will be the selected ATAPI drive and
will respond to commands and produce interrupts. The host Interrupt pin will also be enabled when
SAA7380 is the selected drive.
ACMD
This is the ATAPI Command register. A CMDI interrupt is generated when the host writes to this
register while SAA7380 is the selected drive (the DRV bit in ADRSEL is equal to the RDRV bit in
DTCTR) and when the host writes the execute drive diagnostic command (90H) to this register. If a
host interrupt is asserted then it will be cleared by writing to this register.
ASTAT
This is the ATAPI Status register. Bit 7 is the BSY bit and this will be set whenever the host writes to
the ACMD register and SAA7380 is the selected drive, when the host writes the execute drive
diagnostic command (90H) to the ACMD register, when the host writes to the ADCTR register and sets
the SRST bit and when there is a hardware reset. If a host interrupt is asserted then it will be cleared by
writing to this register.
ALT STATUS This is the ATAPI Alternative Status register. This is identical to the ASTAT register except reading this
register does not negate the host interrupt.
ADCTR
This is the ATAPI Device Control register (see Table 32)
ADRADR
This is the ATAPI Drive Address register. Bit 7 of this register is high impedance.
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
111
DRV
−−−−
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
reserved
1
SRST
nIEN
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com