Electronic Components Datasheet Search
  English  ▼

X  

1400879 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1400879
Description  SAC-3P-BI-1L-V/.../... - Sensor/actuator cable
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1400879 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1400879 Datasheet HTML 1Page - PHOENIX CONTACT 1400879 Datasheet HTML 2Page - PHOENIX CONTACT 1400879 Datasheet HTML 3Page - PHOENIX CONTACT 1400879 Datasheet HTML 4Page - PHOENIX CONTACT 1400879 Datasheet HTML 5Page - PHOENIX CONTACT 1400879 Datasheet HTML 6Page - PHOENIX CONTACT 1400879 Datasheet HTML 7Page - PHOENIX CONTACT 1400879 Datasheet HTML 8Page - PHOENIX CONTACT 1400879 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
PUR/PVC, 0.75 mm², black [116]
Cable weight
53.4 kg/km
UL AWM Style
20549
Number of positions
3
Shielded
no
PUR/PVC, 0.75 mm², black [116]
Cable type
PUR/PVC, 0.75 mm², black 116
Conductor structure signal line
24x 0.20 mm
AWG signal line
18
Conductor cross section
3x 0.75 mm²
Wire diameter incl. insulation
1.7 mm ±0.05 mm
External cable diameter
5.80 mm ±0.2 mm
Outer sheath, material
PUR
External sheath, color
black RAL 9005
Conductor material
Bare Cu litz wires
Material wire insulation
PVC
Single wire, color
black 1, black 2, green/yellow
Overall twist
3 wires, twisted
Max. conductor resistance
26 Ω/km (at 20 °C)
Insulation resistance
≥ 20 MΩ*km
Nominal voltage, cable
300 V
Test voltage
1200 V
Minimum bending radius, fixed installation
5 x D
Minimum bending radius, flexible installation
10 x D
Smallest bending radius, fixed installation
29 mm
Smallest bending radius, movable installation
58 mm
Max. bending cycles
1000000
Traversing path
10 m
Traversing rate
2 m/s
Acceleration
2.5 m/s²
DIN VDE 0482
DIN EN 50265-2-1
Flame resistance
in acc. with UL FT-2
Resistance to oil
in accordance with DIN EN 60811-2-1
Other resistance
Low adhesion
Special properties
flexible
-40 °C ... 80 °C (cable, fixed installation)
Ambient temperature (operation)
-5 °C ... 80 °C (Cable, flexible installation)
PUR/PVC 0.75 mm² gray [117]
Cable weight
58.5 kg/km
UL AWM Style
20549
Number of positions
3
Shielded
no
SAC-3P-BI-1L-V/.../... - Sensor/actuator cable
1400879
https://www.phoenixcontact.com/us/products/1400879
Jul 2, 2024, 6:46 AM
Page 4 (24)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com