Electronic Components Datasheet Search
  English  ▼

X  

1400879 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1400879
Description  SAC-3P-BI-1L-V/.../... - Sensor/actuator cable
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1400879 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1400879 Datasheet HTML 1Page - PHOENIX CONTACT 1400879 Datasheet HTML 2Page - PHOENIX CONTACT 1400879 Datasheet HTML 3Page - PHOENIX CONTACT 1400879 Datasheet HTML 4Page - PHOENIX CONTACT 1400879 Datasheet HTML 5Page - PHOENIX CONTACT 1400879 Datasheet HTML 6Page - PHOENIX CONTACT 1400879 Datasheet HTML 7Page - PHOENIX CONTACT 1400879 Datasheet HTML 8Page - PHOENIX CONTACT 1400879 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Sensor/actuator cable, 3-position, free cable end, on Valve connector BI (11 mm), with 1 LED,
Wiring: Varistor, cable length: Free input (0.2 ... 40.0 m)
Your advantages
Easy and safe: 100 % electrically tested plug-in components
•
Convenient: increased machine availability thanks to quick and easy diagnostics
•
Flexible solutions - configurable materials with variable cable types and cable lengths
•
Commercial data
Item number
1400879
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Sales key
BF17
Product key
BF1DDA
Catalog page
Page 230 (C-2-2019)
Customs tariff number
85444290
Country of origin
PL
SAC-3P-BI-1L-V/.../... - Sensor/actuator cable
1400879
https://www.phoenixcontact.com/us/products/1400879
Jul 2, 2024, 6:46 AM
Page 1 (24)


Similar Part No. - 1400879

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1400875 PHOENIX-1400875 Datasheet
654Kb / 26P
SAC-3P-MR-A-1L-V SCO/.../... - Sensor/actuator cable
1400876 PHOENIX-1400876 Datasheet
590Kb / 24P
SAC-3P-A-1L-V/.../... - Sensor/actuator cable
1400877 PHOENIX-1400877 Datasheet
636Kb / 24P
SAC-3P-MS-BI-1L-V SCO/.../... - Sensor/actuator cable
1400878 PHOENIX-1400878 Datasheet
614Kb / 24P
SAC-3P-MR-BI-1L-V SCO/.../... - Sensor/actuator cable
More results

Similar Description - 1400879

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1415931 PHOENIX-1415931 Datasheet
82Kb / 4P
Sensor/Actuator cable - SAC-3P- 1,5-PVC/BI-1L-V
1415932 PHOENIX-1415932 Datasheet
82Kb / 4P
Sensor/Actuator cable - SAC-3P- 3,0-PVC/BI-1L-V
1415933 PHOENIX-1415933 Datasheet
82Kb / 4P
Sensor/Actuator cable - SAC-3P- 5,0-PVC/BI-1L-V
1415934 PHOENIX-1415934 Datasheet
82Kb / 4P
Sensor/Actuator cable - SAC-3P-10,0-PVC/BI-1L-V
1435234 PHOENIX-1435234 Datasheet
94Kb / 5P
Sensor/Actuator cable - SAC-3P- 1,5-PUR/BI-1L-Z
1435263 PHOENIX-1435263 Datasheet
106Kb / 8P
Sensor/Actuator cable - SAC-3P-10,0-PUR/BI-1L-Z
1443187 PHOENIX-1443187 Datasheet
94Kb / 5P
Sensor/Actuator cable - SAC-3P- 1,5-PUR/BI-1L-V
1443190 PHOENIX-1443190 Datasheet
94Kb / 5P
Sensor/Actuator cable - SAC-3P- 3,0-PUR/BI-1L-V
1443200 PHOENIX-1443200 Datasheet
106Kb / 8P
Sensor/Actuator cable - SAC-3P- 5,0-PUR/BI-1L-V
1443213 PHOENIX-1443213 Datasheet
106Kb / 8P
Sensor/Actuator cable - SAC-3P-10,0-PUR/BI-1L-V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com