Electronic Components Datasheet Search
  English  ▼

X  

1400879 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1400879
Description  SAC-3P-BI-1L-V/.../... - Sensor/actuator cable
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1400879 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1400879 Datasheet HTML 1Page - PHOENIX CONTACT 1400879 Datasheet HTML 2Page - PHOENIX CONTACT 1400879 Datasheet HTML 3Page - PHOENIX CONTACT 1400879 Datasheet HTML 4Page - PHOENIX CONTACT 1400879 Datasheet HTML 5Page - PHOENIX CONTACT 1400879 Datasheet HTML 6Page - PHOENIX CONTACT 1400879 Datasheet HTML 7Page - PHOENIX CONTACT 1400879 Datasheet HTML 8Page - PHOENIX CONTACT 1400879 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Technical data
Product properties
Product type
Sensor/actuator cable with valve connector
Standard
Application
Robots and drag chains
Number of positions
3
No. of cable outlets
1
Shielded
no
Insulation characteristics
Overvoltage category
III
Degree of pollution
3
Material specifications
Flammability rating according to UL 94
V0
Seal material
TPU
Material housing valve plug
TPU
Contact material
CuSn
Valve plug contact insert material
PA 6.6
Contact surface material
Sn
Electrical properties
Insulation resistance
≥ 100 MΩ
24 V AC
Nominal voltage UN
24 V DC
Nominal current IN
4 A
Valve connector characteristics
Fixing screws
M3 x 29
Signaling
Status display
1 LED
Status display present
Yes
Connector
Connection 1
Type
free cable end
Connection 2
Type
Valve connector BI (11 mm)
Number of positions
3
CuSn (Contact)
Sn (Contact surface)
PA 6.6 (Contact carriers)
Material
SAC-3P-BI-1L-V/.../... - Sensor/actuator cable
1400879
https://www.phoenixcontact.com/us/products/1400879
Jul 2, 2024, 6:46 AM
Page 2 (24)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com