Electronic Components Datasheet Search
  English  ▼

X  

1400879 Datasheet(PDF) 21 Page - PHOENIX CONTACT

Part # 1400879
Description  SAC-3P-BI-1L-V/.../... - Sensor/actuator cable
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1400879 Datasheet(HTML) 21 Page - PHOENIX CONTACT

Back Button 1400879 Datasheet HTML 16Page - PHOENIX CONTACT 1400879 Datasheet HTML 17Page - PHOENIX CONTACT 1400879 Datasheet HTML 18Page - PHOENIX CONTACT 1400879 Datasheet HTML 19Page - PHOENIX CONTACT 1400879 Datasheet HTML 20Page - PHOENIX CONTACT 1400879 Datasheet HTML 21Page - PHOENIX CONTACT 1400879 Datasheet HTML 22Page - PHOENIX CONTACT 1400879 Datasheet HTML 23Page - PHOENIX CONTACT 1400879 Datasheet HTML 24Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
TSD-M 1,2NM - Torque screwdriver
1212224
https://www.phoenixcontact.com/us/products/1212224
Torque screw driver, accuracy as per EN ISO 6789 standard, adjustable from 0. 
3 ‑ 1.2 Nm
SF-BIT-PH 1-70 - Screw insert
1212582
https://www.phoenixcontact.com/us/products/1212582
Screw bit, PH crosshead, E6.3-1/4" drive, size: PH 1 x 70 mm, hardened,
suitable for holder according to DIN 3126-F6.3/ISO 1173
SAC-3P-BI-1L-V/.../... - Sensor/actuator cable
1400879
https://www.phoenixcontact.com/us/products/1400879
Jul 2, 2024, 6:46 AM
Page 21 (24)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com